データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SJPL-H6VL データシート(PDF) 2 Page - Sanken electric

部品番号 SJPL-H6VL
部品情報  The present specifications shall apply to an SJPL-H6.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SJPL-H6VL データシート(HTML) 2 Page - Sanken electric

  SJPL-H6VL Datasheet HTML 1Page - Sanken electric SJPL-H6VL Datasheet HTML 2Page - Sanken electric SJPL-H6VL Datasheet HTML 3Page - Sanken electric SJPL-H6VL Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
SJPL-H6
070205
2/4
61426-01
4.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
600
2
Peak Reverse Voltage
VRM
V
600
3
Average Forward Current
IF(AV)
A
2.0
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
30
10msec.
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
4.5
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
5.
Electrical characteristics (Ta=25°C ,unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
1.5 max.
IF=2.0A
2
Reverse Leakage Current
IR
uA
50 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
uA
100 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
50 max.
IF=IRP=100mA
75% Recovery point, Tj=25°C
trr2
ns
35 max.
IF=100mA,IRP=200mA
75% Recovery point, Tj=25°C
5
Thermal Resistance
Rth(j-l)
°C /W
20 max.
Between Junction and lead


同様の部品番号 - SJPL-H6VL

メーカー部品番号データシート部品情報
logo
Sanken electric
SJPL-H6 SANKEN-SJPL-H6 Datasheet
144Kb / 4P
   Silicon Diode
More results

同様の説明 - SJPL-H6VL

メーカー部品番号データシート部品情報
logo
Sanken electric
SJPA-D3VL SANKEN-SJPA-D3VL Datasheet
128Kb / 5P
   The present specifications shall apply to an SJPA-D3.
SJPA-L3VR SANKEN-SJPA-L3VR Datasheet
272Kb / 5P
   The present specifications shall apply to an SJPA-L3.
SJPE-H4VR SANKEN-SJPE-H4VR Datasheet
196Kb / 5P
   The present specifications shall apply to an SJPE-H4.
logo
Shanghai Leiditech Elec...
2CL79 LEIDITECH-2CL79 Datasheet
479Kb / 8P
   The present specifications shall apply to plastic sealed high voltage Diode 2CL79
logo
Sanken electric
SFA0001 SANKEN-SFA0001 Datasheet
1Mb / 12P
   The present specifications shall apply to switching power supply IC SFA0001-VF-RP
logo
STMicroelectronics
AN971 STMICROELECTRONICS-AN971 Datasheet
74Kb / 7P
   The goal of this application note is to present an practical example
logo
CITIZEN ELECTRONICS CO....
CL-773F-CW18C4-SDW-T CITIZEN-CL-773F-CW18C4-SDW-T Datasheet
290Kb / 10P
   These specifications apply to chip type LED lamp
CL-776A3-CW04C4-SDW-T CITIZEN-CL-776A3-CW04C4-SDW-T Datasheet
253Kb / 10P
   These specifications apply to chip type LED lamp
CL-773F-CW18K2-SDW-T CITIZEN-CL-773F-CW18K2-SDW-T Datasheet
281Kb / 10P
   These specifications apply to chip type LED lamp
CL-776A3-CW04K2-SDW-T CITIZEN-CL-776A3-CW04K2-SDW-T Datasheet
256Kb / 10P
   These specifications apply to chip type LED lamp
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com