データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPPU-100 データシート(PDF) 1 Page - Total Power International

部品番号 TPPU-100
部品情報  UNIVERSAL AC INPUT HARMONIC CORRECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPPU-100 データシート(HTML) 1 Page - Total Power International

  TPPU-100 Datasheet HTML 1Page - Total Power International TPPU-100 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION
AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT
100 WATTS SWITCHING MODE POWER SUPPLIES
TPPU100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
19” COMPATIBLE EUROCARD FORMAT
EMI MEET EN 55022 & FCC CLASS B
CE MARKING COMPLIANCE
3U
x 10HP x 160MM VMEbus STANDARD
GENERAL SPECIFICATION
Efficiency: Typ. 73-76%.
Switching Frequency: Fixed frequency 83K Hz.
Circuit Topology: Fixed frequency forward circuit.
Transient Response: Output voltage returns
in less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 2.0 Watt / Cubic Inch.
Operating Temperature: 0 to +50°C full load. Derates
from +50 to +70°C by derating 2%/°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Forced air flow is recommended for Ta > +50°C
full load operation.
Construction format: 10HP(TE) X3UX160mm VMEbus
standard Eurocard format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz.
Inrush Current: Typ. <30.6A @ 230Vac.
Input Current: 1.0A @ 115Vac, 0.5A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet EN 55022 & FCC B.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2 .PF typ. 0.97-0.98.
Power Indicator: Green LED.
Power OK Signal: Installed.
Logic Inhibit: Installed.
Hold-up Time: 20mS @ 115Vac & 230Vac.
Earth Leakage: Less than 0.40mA @ 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.5%.
Load Regulation: Main VO1 typ. ±1-2.0%.
Aux.VO2 typ. ±2.0% (Mag. Amp.)
Aux.VO3 typ. ±3.0% (PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1.
Adjustability: Available at VO1 & VO2.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
In application
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


同様の部品番号 - TPPU-100

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

同様の説明 - TPPU-100

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
TPVP-93 TOTAL-POWER-TPVP-93 Datasheet
382Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION
TPAC-250 TOTAL-POWER-TPAC-250 Datasheet
496Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-301 TOTAL-POWER-TPAC-301 Datasheet
505Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-202 TOTAL-POWER-TPAC-202 Datasheet
695Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE
TPAC-400 TOTAL-POWER-TPAC-400 Datasheet
405Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
HITRON ELECTRONICS CORP...
HAC300S HITRON-HAC300S Datasheet
210Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
Total Power Internation...
TPAC-175 TOTAL-POWER-TPAC-175 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-500 TOTAL-POWER-TPAC-500 Datasheet
408Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
HITRON ELECTRONICS CORP...
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com