データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA07-11YWA データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 TA07-11YWA
部品情報  18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TA07-11YWA データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  TA07-11YWA Datasheet HTML 1Page - List of Unclassifed Manufacturers TA07-11YWA Datasheet HTML 2Page - List of Unclassifed Manufacturers TA07-11YWA Datasheet HTML 3Page - List of Unclassifed Manufacturers TA07-11YWA Datasheet HTML 4Page - List of Unclassifed Manufacturers TA07-11YWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0874
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
18mm (0.7 INCH) SINGLE COLOR DOT
MATRIX DISPLAYS
TA07-11EWA/GWA/YWA/SRWA
TC07-11EWA/GWA/YWA/SRWA
Description
The High Efficiency Red source color devices are made with
GalliumArsenidePhosphideonGalliumPhosphideOrangeLight
EmittingDiode.
The Green source color devices are made with Gallium Phosphide
GreenLightEmittingDiode.
The Yellow source color devices are made with Gallium Arsenide
PhosphideonGalliumPhosphideYellowLightEmittingDiode.
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode.
Features
!
0.7 INCH MATRIX HEIGHT.
!
DOT SIZE 2mm.
!
LOW CURRENT OPERATION.
!
COMPATIBLE WITH ASCII AND EBCDIC CODES.
!
STACKABLE VERTICALLY AND HORIZONTALLY.
!
COLUMN CATHODE AND COLUMN ANODE
AVAILABLE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD: GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.


同様の部品番号 - TA07-11YWA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results

同様の説明 - TA07-11YWA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11YWA KINGBRIGHT-TC07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11GWA KINGBRIGHT-TA07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com