データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0102A データシート(PDF) 7 Page - Tripath Technology Inc.

部品番号 TA0102A
部品情報  STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPATH [Tripath Technology Inc.]
ホームページ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0102A データシート(HTML) 7 Page - Tripath Technology Inc.

Back Button TA0102A Datasheet HTML 3Page - Tripath Technology Inc. TA0102A Datasheet HTML 4Page - Tripath Technology Inc. TA0102A Datasheet HTML 5Page - Tripath Technology Inc. TA0102A Datasheet HTML 6Page - Tripath Technology Inc. TA0102A Datasheet HTML 7Page - Tripath Technology Inc. TA0102A Datasheet HTML 8Page - Tripath Technology Inc. TA0102A Datasheet HTML 9Page - Tripath Technology Inc. TA0102A Datasheet HTML 10Page - Tripath Technology Inc. TA0102A Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Tripath Technology, Inc. - Technical Information
7
TA0102A, Rev. 3.1/06.01
Typical Performance at Vs = +33.75V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20k
20
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
BBM = 25nS
Pout = 20W/Channel
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
22kHz BW
30kHz BW
THD+N versus Frequency versus
Bandwidth, R
L = 8Ω
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20k
20
50
100
200
500
1k
2k
5k
10k
BBM = 25nS
Pout = 30W/Channel
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
Frequency (Hz)
22kHz BW
30kHz BW
THD+N versus Frequency versus
Bandwidth, R
L = 4Ω
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20k
20
50
100
200
500
1k
2k
5k
10k
THD+N versus Frequency versus
Break Before Make, R
L = 4Ω
Frequency (Hz)
20Hz - 22kHz BW
Pout = 30W/Channel
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
25nS
65nS
105nS
145nS
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20k
20
50
100
200
500
1k
2k
5k
10k
25nS
Frequency (Hz)
20Hz - 22kHz BW
Pout = 20W/Channel
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
THD+N versus Frequency versus
Break Before Make, R
L = 8Ω
145nS
65nS
105nS
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
1
200
2
5
10
20
50
100
THD+N versus Output Power
Output Power (W)
20Hz - 22kHz BW
f = 1kHz
BBM = 25nS
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET
4
8
Efficiency versus Output Power
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Output Power (W)
RL = 8Ω
RL = 4Ω
22Hz - 22kHz BW
f = 1kHz
BBM = 145nS
V
S = +/-33.75V
Av = 14.8
ST STP19NB20 MOSFET


同様の部品番号 - TA0102A

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

同様の説明 - TA0102A

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com