データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q1553-51 データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 Q1553-51
部品情報  MIL-STD-1553 Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Q1553-51 データシート(HTML) 1 Page - Pulse A Technitrol Company

  Q1553-51 Datasheet HTML 1Page - Pulse A Technitrol Company Q1553-51 Datasheet HTML 2Page - Pulse A Technitrol Company Q1553-51 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M223.B (11/14)
1
pulseelectronics.com
MIL-STD-1553 Transformers
Qualified for use in QPL MIL-STD-1553 applications
Single ratio packages (see Schematics)
MSL: 1
Designed, built, and tested to MIL-PRF-21038
Levels* C, M, and T
Package C is 4-lead; package D is 6-lead (center tap)
Built in ISO 9001 facility
Applicable specifications
n
MIL-STD-1553B
n
MIL-STD-202
n
MIL-PRF-21038
n
ISO 9001
* n
Level C - for high reliability commercial/industrial applications
n
Level M - for general purpose military applications
n
Level T - for high reliability critical military applications
Impedance
(see table below)
Droop
≤ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
≥ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
-55°C to 130°C
Weight
≤ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
Line
Level
Military
Pulse
Package
Height
Terminals
Ratio
RDC
Impedance
Designation No.
Part No.
(in. MAX)
(±3%)
(W MAX)
(W MIN)
1
C
M21038/27-05C
QC1553-20
1-2 2.2
(4-3)
2
M
M21038/27-05
Q1553-20
C
.250
1-2:4-3
1:1.41
4-3 2.7
3,000
3
T
M21038/27-05T
QT1553-20
4
C
M21038/27-06C
QC1553-21
1-5 2.5
(6-2)
5
M
M21038/27-06
Q1553-21
D
.250
1-5:6.2
1CT:1CT
6-2 2.8
3,000
6
T
M21038/27-06T
QT1553-21
7
C
M21038/27-07C
QC1553-22
1-5 2.2
(6-2)
8
M
M21038/27-07
Q1553-22
D
.250
1-5:6.2
1CT:1.41CT
6-2 2.7
3,000
9
T
M21038/27-07T
QT1553-22
10
C
M21038/27-08C
QC1553-23
1-5 1.5
(6-2)
11
M
M21038/27-08
Q1553-23
D
.250
1-5:6.2
1CT:1.66CT
6-2 2.4
3,000
12
T
M21038/27-08T
QT1553-23
13
C
M21038/27-09C
QC1553-24
1-5 1.3
(6-2)
14
M
M21038/27-09
Q1553-24
D
.250
1-5:6.2
1CT:2CT
6-2 2.6
3,000
15
T
M21038/27-09T
QT1553-24
16
C
M21038/27-28C
QC1553-25*
1-3 0.90
(6-2)
17
M
M21038/27-28
Q1553-25*
D
.250
1-5:6.2
1CT:1.5CT
6-2 2.5
3,000
18
T
M21038/27-28T
QT1553-25*
19
C
M21038/27-29C
QC1553-51*
1-5 0.90
(6-2)
20
M
M21038/27-29
Q1553-51*
D
.250
1-5:6.2
1CT:1.79CT
6-2 2.5
3,000
21
T
M21038/27-29T
QT1553-51*
22
C
M21038/27-30C
QC1553-52*
1-5 1.0
(6-2)
23
M
M21038/27-30
Q1553-52*
D
.250
1-5:6.2
1CT:2.5CT
6-2 2.8
3,000
24
T
M21038/27-30T
QT1553-52*
Characteristics
*NOTE: Designed for transceivers utilizing a single supply voltage (+5V).
Single Ratio THT QPL Pulse Transformers


同様の部品番号 - Q1553-51

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
Q1553-51 PULSE-Q1553-51 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
Q1553-51 PULSE-Q1553-51 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
More results

同様の説明 - Q1553-51

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
M2103827-03 PULSE-M2103827-03 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com