データシートサーチシステム |
|
TLP628-2 データシート(PDF) 1 Page - Toshiba Semiconductor |
|
TLP628-2 データシート(HTML) 1 Page - Toshiba Semiconductor |
1 / 8 page TLP628,TLP628 −2,TLP628−4 2002-09-25 1 TOSHIBA Photocoupler GaAs Ired & Photo−Transistor TLP628,TLP628−2,TLP628−4 Programmable Controllers DC−Output Module Telecommunication The TOSHIBA TLP628, −2, and −4 consists of a gallium arsenide infreared emitting diode optically coupled to a phototransistor which has a 350V high voltage of collector−emitter breakdown voltage. The TLP628−2 offers two isolated channels in a eight lead plastic DIP package, while the TLP628−4 provide four isolated channels per package. · Collector−emitter voltage: 350 V (min.) · Current transfer ratio: 50% (min.) · Isoration voltage: 5000Vrms (min.) · UL recognized: UL1577, file No. E67349 Pin Configurations (top view) TLP628 1 2 4 3 1: Anode 2: Cathode 3: Emitter 4: Collector TLP628-2 1 2 4 3 5 6 7 8 1, 3: Anode 2, 4: Cathode 5, 7: Emitter 6, 8: Collector TLP628-4 1 2 4 3 5 6 7 8 9 10 11 12 13 14 15 16 1, 3, 5, 7: Anode 2, 4, 6, 8: Cathode 9, 11, 13, 15: Emitter 10, 12, 14, 16: Collector TOSHIBA 11−5B2 Weight: 0.26g TOSHIBA 11−10C4 Weight: 0.54g TOSHIBA 11−20A3 Weight: 1.1g Unit in mm |
同様の部品番号 - TLP628-2 |
|
同様の説明 - TLP628-2 |