データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPN3120FE3M データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TMPN3120FE3M
部品情報  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPN3120FE3M データシート(HTML) 3 Page - Toshiba Semiconductor

  TMPN3120FE3M Datasheet HTML 1Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 2Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 3Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 4Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 5Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 6Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 7Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 8Page - Toshiba Semiconductor TMPN3120FE3M Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMPN3120FE3M/U
2001-02-21 3/12
l Timing for the main I / O objects during 20 MHz Neuron Chip operations
I / O MODEL
10 MHz TIMING
20 MHz TIMING
Parallel
2.4µs / byte
1.2µs / byte
Bitshift
1, 10 or 15 kbps
2, 20 or 30 kbps
Magcard
Up to 8334 bps
Up to 16668 bps
Magtrack1
Up to 7246 bps
Up to 14492 bps
Neurowire Master
1, 10 or 20 kbps
2, 20 or 40 kbps
Neurowire Slave
Up to 18 kbps
Up to 36 kbps
Serial
600, 1200, 2400 or 4800 bps
1200, 2400, 4800 or 9600 bps
Touch
Supported
Not supported
Frequency Output
Resolution0.4 to 51.2µs
Max Range 26.21 to 3355 ms
Resolution0.2 to 25.6µs
Max Range 13.1 to 1678 ms
Other Timer / Counter
Resolution0.2 to 25.6µs
Max Range 13.1 to 1678 ms
Resolution0.1 to 12.8µs
Max Range 6.55 to 839 ms
The specifications for the main timers during 20 MHz
operations are as follows :
Watchdog Timer
420 ms
Millisecond Timers
1 to 32000 ms
Second Timers
1 to 65000 s
Delay ( ) Function
1 to 32767 counts
Get_Tick_Count ( )
Function
409.6µs per count


同様の部品番号 - TMPN3120FE3M

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
More results

同様の説明 - TMPN3120FE3M

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com