データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68EN360MR33L データシート(PDF) 1 Page - ATMEL Corporation

部品番号 TS68EN360MR33L
部品情報  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360MR33L データシート(HTML) 1 Page - ATMEL Corporation

  TS68EN360MR33L Datasheet HTML 1Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 2Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 3Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 4Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 5Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 6Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 7Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 8Page - ATMEL Corporation TS68EN360MR33L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1
Features
CPU32+ Processor (4.5 MIPS at 25 MHz)
– 32-bit Version of the CPU32 Core (Fully Compatible with the CPU32)
– Background Debug Mode
– Byte-misaligned Addressing
Up to 32-bit Data Bus (Dynamic Bus Sizing for 8 and 16 Bits)
Up to 32 Address Lines (At Least 28 Always Available)
Complete Static Design (0 - 25 MHz Operation)
Slave Mode to Disable CPU32+ (Allows Use with External Processors)
– Multiple QUICCs Can Share One System Bus (One Master)
– TS68040 Companion Mode Allows QUICC to be a TS68040 Companion Chip and
Intelligent Peripheral (22 MIPS at 25 MHz)
– Peripheral Device of TSPC603e (see DC415/D note)
Four General-purpose Timers
– Superset of MC68302 Timers
– Four 16-bit Timers or Two 32-bit Timers
– Gate Mode Can Enable/Disable Counting
Two Independent DMAs (IDMAs)
System Integration Module (SIM60)
Communications Processor Module (CPM)
Four Baud Rate Generators
Four SCCs (Ethernet/IEEE 802.3 Optional on SCC1-Full 10 Mbps Support)
Two SMC
V
CC = +5V ± 5%
f
max = 25 MHz and 33 MHz
Military Temperature Range: -55
°C < T
C < +125°C
P
D = 1.4 W at 25 MHz; 5.25V
2 W at 33 MHz; 5.25V
Description
The TS68EN360 QUad Integrated Communication Controller (QUICC) is a versatile
one-chip integrated microprocessor and peripheral combination that can be used in a
variety of controller applications. It particularly excels in communications activities.
The QUICC (pronounced “quick”) can be described as a next-generation TS68302
with higher performance in all areas of device operation, increased flexibility, major
extensions in capability, and higher integration. The term “quad” comes from the fact
that there are four serial communications controllers (SCCs) on the device; however,
there are actually seven serial channels: four SCCs, two serial management control-
lers (SMCs), and one serial peripheral interface (SPI).
Screening/Quality
This product is manufactured in full compliance with:
MIL-STD-883 (class B)
QML (class Q)
or according to Atmel standards
32-bit Quad
Integrated
Communication
Controller
TS68EN360
Rev. 2113A–HIREL–03/02


同様の部品番号 - TS68EN360MR33L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com