データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT257PW データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHCT257PW
部品情報  Quad 2-input multiplexer; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT257PW データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT257PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 12Page - NXP Semiconductors 74AHCT257PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2000 Apr 03
9
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74AHC257;
74AHCT257
AC CHARACTERISTICS
Type 74AHC257
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 6
and 8
15 pF
4.2
9.3
1.0
11.0
1.0
12.0
ns
propagation delay
StonY
5.2
11.0
1.0
13.0
1.0
14.0
ns
tPZH/tPZL
3-state output enable
time OE to nY
see Figs 7
and 8
4.5
10.5
1.0
12.5
1.0
13.5
ns
tPHZ/tPLZ
3-state output disable
time OE to nY
5.1
9.5
1.0
11.0
1.0
11.5
ns
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 6
and 8
50 pF
6.0
12.8
1.0
14.5
1.0
16.0
ns
propagation delay
StonY
7.4
14.5
1.0
16.5
1.0
18.5
ns
tPZH/tPZL
3-state output enable
time OE to nY
see Figs 7
and 8
6.4
14.0
1.0
16.0
1.0
17.5
ns
tPHZ/tPLZ
3-state output disable
time OE to nY
7.2
12.0
1.0
13.5
1.0
14.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 6
and 8
15 pF
2.9
5.9
1.0
7.0
1.0
7.5
ns
propagation delay
StonY
3.5
6.8
1.0
8.0
1.0
8.5
ns
tPZH/tPZL
3-state output enable
time OE to nY
see Figs 7
and 8
3.2
6.8
1.0
8.0
1.0
8.5
ns
tPHZ/tPLZ
3-state output disable
time OE to nY
3.4
6.5
1.0
7.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 6
and 8
50 pF
4.2
7.9
1.0
9.0
1.0
11.5
ns
propagation delay
StonY
5.0
8.8
1.0
10.0
1.0
12.5
ns
tPZH/tPZL
3-state output enable
time OE to nY
see Figs 7
and 8
4.5
8.8
1.0
10.0
1.0
12.5
ns
tPHZ/tPLZ
3-state output disable
time OE to nY
4.9
7.9
1.0
9.0
1.0
9.5
ns


同様の部品番号 - 74AHCT257PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT257PW NXP-74AHCT257PW Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHCT257PW NEXPERIA-74AHCT257PW Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHCT257PW-Q100 NEXPERIA-74AHCT257PW-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
More results

同様の説明 - 74AHCT257PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com