データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5405YCP-REEL データシート(PDF) 7 Page - Analog Devices

部品番号 AD5405YCP-REEL
部品情報  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5405YCP-REEL データシート(HTML) 7 Page - Analog Devices

Back Button AD5405YCP-REEL Datasheet HTML 3Page - Analog Devices AD5405YCP-REEL Datasheet HTML 4Page - Analog Devices AD5405YCP-REEL Datasheet HTML 5Page - Analog Devices AD5405YCP-REEL Datasheet HTML 6Page - Analog Devices AD5405YCP-REEL Datasheet HTML 7Page - Analog Devices AD5405YCP-REEL Datasheet HTML 8Page - Analog Devices AD5405YCP-REEL Datasheet HTML 9Page - Analog Devices AD5405YCP-REEL Datasheet HTML 10Page - Analog Devices AD5405YCP-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5405
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
AD5405
TOP VIEW
1
R1A
2
R2A
3
R2_3A
4
R3A
5
VREFA
6
DGND
7
LDAC
8
DAC A/B
9
NC
10
DB11
NC = NO CONNECT
30 R1B
29 R2B
28 R2_3B
27 R3B
26 VREFB
25 VDD
24 CLR
23 R/W
22 CS
21 DB0
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1 to 4
R1A to R3A
DAC A 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with
minimum of external components.
5, 26
VREFA, VREFB
DAC Reference Voltage Input Terminals.
6
DGND
Digital Ground Pin.
7
LDAC
Load DAC Input. Allows asynchronous or synchronous updates to the DAC output. The DAC is asynchronously
updated when this signal goes low. Alternatively, if this line is held permanently low, an automatic or
synchronous update mode is selected whereby the DAC is updated on the rising edge of CS.
8
DAC A/B
Selects DAC A or B. Low selects DAC A, while high selects DAC B.
9, 34, 35,
36, 37
NC
Not internally connected.
10 to 21
DB11 to DB0
Parallel Data Bits 11 through 0.
22
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to read
data from the DAC register. Edge sensitive; when pulled high, the DAC data is latched.
23
R/W
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction with
CS to read back contents of DAC register.
24
CLR
Active Low Control Input. Clears DAC output and input and DAC registers.
25
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
26 to 30
R3B to R1B
DAC B 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with a
minimum of external components.
32
IOUT2B
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but may be biased
to achieve single-supply operation.
33
IOUT1B
DAC B Current Outputs.
38
IOUT1A
DAC A Current Outputs.
39
IOUT2A
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but may be biased
to achieve single-supply operation.
31, 40
RFBB, RFBA
External Amplifier Output.


同様の部品番号 - AD5405YCP-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

同様の説明 - AD5405YCP-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com