データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM24LC21BIS データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 AM24LC21BIS
部品情報  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BIS データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  AM24LC21BIS Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
2/13
Block Diagram
Memory
control logic
YDec
Sense AMP
R/W* control
I/O
control logic
EEPROM
Array
Page latches
HV generator
SDA
SCL
VCLK
VCC
VSS


同様の部品番号 - AM24LC21BIS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

同様の説明 - AM24LC21BIS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com