データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D-6021 データシート(PDF) 9 Page - TE Connectivity Ltd

部品番号 D-6021
部品情報  Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-6021 データシート(HTML) 9 Page - TE Connectivity Ltd

Back Button D-6021 Datasheet HTML 5Page - TE Connectivity Ltd D-6021 Datasheet HTML 6Page - TE Connectivity Ltd D-6021 Datasheet HTML 7Page - TE Connectivity Ltd D-6021 Datasheet HTML 8Page - TE Connectivity Ltd D-6021 Datasheet HTML 9Page - TE Connectivity Ltd D-6021 Datasheet HTML 10Page - TE Connectivity Ltd D-6021 Datasheet HTML 11Page - TE Connectivity Ltd D-6021 Datasheet HTML 12Page - TE Connectivity Ltd D-6021 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MIL-STD-1553B Multiplex DataBus Box Couplers and
Terminators Connectorized with D-6025 Connector
Interface
D-6021
Revision A1
25-Mar-15
© 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. TE Proprietary & Confidential Information.
If this document is printed, it becomes uncontrolled. Check for latest revision.
Page 9 of 14
Test Group 3
Test Sequence
Requirement
Paragraph
Procedure
Paragraph
Visual examination
3.1, 3.4, 3.5,
3.7, 3.8
4.5.2
Fluids resistance*
3.6.15
4.5.17
Insulation resistance
3.6.2
4.5.4
Dielectric strength
3.6.3
4.5.5
Post test examination
3.6.17
4.5.19
* Environment resistance types only.
4.4
Acceptance Inspection. Lot acceptance inspection shall consist of the tests listed in Table
II. Acceptance inspection shall be performed on every lot of items manufactured under this
specification. In process examination may be used for acceptance inspection.
Table II Acceptance Inspection
Test
Requirement
Paragraph
Procedure
Paragraph
Inspection
Level*
AQL*
Visual examination
3.1, 3.4, 3.5,
3.7, 3.8
4.5.2
II
1%
Waveform integrity
3.6.1.3
4.5.3.2
100%
--
Coupler maximum voltage
3.6.1.4
4.5.3.3
100%
--
Coupler minimum voltage
3.6.1.5
4.5.3.4
100%
--
Termination resistance
3.6.1.6
4.5.3.5
100%
--
Insulation Resistance
3.6.2
4.5.4
100%
--
* Inspection Level and AQL per MIL-STD-105.
4.4.1
Rejected Lots. If an inspection lot is rejected, the lot shall be replaced, or the
defective units shall be reworked to correct the defect or screened out. If the lot is
reworked or the defective units are screened out, the lot shall be resubmitted for
inspection. Resubmitted lots shall be inspected using tightened inspection in
accordance with MIL-STD-105. Before resubmitting, full particulars concerning the
rejection and the action taken to correct the defect shall be recorded.
4.4.2
Examination of Preparation for Delivery. Preparation for delivery of material ready
for shipment shall be examined to determine compliance with the requirements of
Section 5.


同様の部品番号 - D-6021

メーカー部品番号データシート部品情報
logo
Tyco Electronics
D-602-0093 MACOM-D-602-0093 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0094 MACOM-D-602-0094 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-00940095 MACOM-D-602-00940095 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-01040105 MACOM-D-602-01040105 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0106 MACOM-D-602-0106 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
More results

同様の説明 - D-6021

メーカー部品番号データシート部品情報
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
NXP Semiconductors
68HC05X1 NXP-68HC05X1 Datasheet
6Mb / 104P
   SAEJ1850 PWM Serial Multiplex Interface (SMI)
REV 2.1
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com