データシートサーチシステム |
|
FM24CL64 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FM24CL64 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 13 page FM24CL64 Rev 2.0 July 2003 Page 2 of 14 Address Latch ` 2,048 x 32 FRAM Array Data Latch 8 SDA Counter Serial to Parallel Converter Control Logic SCL WP A0-A2 Figure 1. FM24CL64 Block Diagram Pin Description Pin Name Type Pin Description A0-A2 Input Address 0-2. These pins are used to select one of up to 8 devices of the same type on the same two-wire bus. To select the device, the address value on the three pins must match the corresponding bits contained in the device address. The address pins are pulled down internally. SDA I/O Serial Data Address. This is a bi-directional line for the two-wire interface. It is open-drain and is intended to be wire-OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the output driver includes slope control for falling edges. A pull-up resistor is required. SCL Input Serial Clock. The serial clock line for the two-wire interface. Data is clocked out of the part on the falling edge, and in on the rising edge. The SCL input also incorporates a Schmitt trigger input for noise immunity. WP Input Write Protect. When tied to VDD, addresses in the entire memory map will be write- protected. When WP is connected to ground, all addresses may be written. This pin is pulled down internally. VDD Supply Supply Voltage: 2.7V to 3.6V VSS Supply Ground |
同様の部品番号 - FM24CL64 |
|
同様の説明 - FM24CL64 |