データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL64-S データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 FM24CL64-S
部品情報  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64-S データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  FM24CL64-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM24CL64
Rev 2.0
July 2003
Page 3 of 13
Overview
The FM24CL64 is a serial FRAM memory. The
memory array is logically organized as a 8,192 x 8 bit
memory array and is accessed using an industry
standard two-wire interface. Functional operation of
the FRAM is similar to serial EEPROMs. The major
difference between the FM24CL64 and a serial
EEPROM with the same pinout relates to its superior
write performance.
Memory Architecture
When accessing the FM24CL64, the user addresses
8,192 locations each with 8 data bits. These data bits
are shifted serially. The 8,192 addresses are accessed
using the two-wire protocol, which includes a slave
address (to distinguish other non-memory devices),
and an extended 16-bit address. Only the lower 13
bits are used by the decoder for accessing the
memory. The upper three address bits should be set
to 0 for compatibility with larger devices in the
future.
The access time for memory operation is essentially
zero beyond the time needed for the serial protocol.
That is, the memory is read or written at the speed of
the two-wire bus. Unlike an EEPROM, it is not
necessary to poll the device for a ready condition
since writes occur at bus speed. That is, by the time a
new bus transaction can be shifted into the part, a
write operation will be complete. This is explained in
more detail in the interface section below.
Users expect several obvious system benefits from
the FM24CL64 due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that it is the user’s responsibility to ensure that
VDD is within data sheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24CL64 employs a bi-directional two-wire
bus protocol using few pins or board space. Figure 2
illustrates a typical system configuration using the
FM24CL64 in a microcontroller-based system. The
industry standard two-wire bus is familiar to many
users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24CL64 always is a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including start, stop, data bit, or acknowledge. Figure
3 illustrates the signal conditions that specify the four
states. Detailed timing diagrams are in the electrical
specifications.
Microcontroller
SDA
SCL
FM24CL64
A0 A1 A2
SDA
SCL
FM24CL64
A0 A1 A2
VDD
Rmin = 1.1 K
Rmax = tR/Cbus
Figure 2. Typical System Configuration


同様の部品番号 - FM24CL64-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
More results

同様の説明 - FM24CL64-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com