データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL64-S データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 FM24CL64-S
部品情報  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64-S データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM24CL64-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FM24CL64
Rev 2.0
July 2003
Page 10 of 13
AC Parameters (TA = -40° C to + 85° C, VDD =2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
1
tLOW
Clock Low Period
4.7
1.3
0.6
µs
tHIGH
Clock High Period
4.0
0.6
0.4
µs
tAA
SCL Low to SDA Data Out Valid
3
0.9
0.55
µs
tBUF
Bus Free Before New
Transmission
4.7
1.3
0.5
µs
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
µs
tSU:STA
Start Condition Setup for Repeated
Start
4.7
0.6
0.25
µs
tHD:DAT
Data In Hold
0
0
0
ns
tSU:DAT
Data In Setup
250
100
100
ns
tR
Input Rise Time
1000
300
300
ns
2
tF
Input Fall Time
300
300
100
ns
2
tSU:STO
Stop Condition Setup
4.0
0.6
0.25
µs
tDH
Data Output Hold
(from SCL @ VIL)
0
0
0
ns
tSP
Noise Suppression Time Constant
on SCL, SDA
50
50
50
ns
Notes : All SCL specifications as well as start and stop conditions apply to both read and write operations.
1
The speed-related specifications are guaranteed characteristic points along a continuous curve of operation from
DC to 1 MHz.
2
This parameter is periodically sampled and not 100% tested.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3V)
Symbol
Parameter
Max
Units
Notes
CI/O
Input/output capacitance (SDA)
8
pF
1
CIN
Input capacitance
6
pF
1
Notes
1
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Equivalent AC Load Circuit
3.65V
Output
1100
100 pF


同様の部品番号 - FM24CL64-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
More results

同様の説明 - FM24CL64-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com