データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM209 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 FM209
部品情報  9600/14400 BPS MONOFAX MODEM FAMILY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM209 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  FM209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM209 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
   
4
MD205
Technical Specifications
Configurations, Symbol Rates and Data Rates
The selectable modem configurations, along with the
corresponding symbol (baud) rates and data rates, are
listed in Table 2.
Scrambler/Descrambler
The modem incorporates a self-synchronizing
scrambler/descrambler in accordance with ITU-T V.33,
V.17, V.29, and V.27 ter recommendations, depending
upon the selected configuration.
Data Encoding
The data encoding conforms to ITU-T
recommendations V.33, V.17, V.29, V.27 ter, V.21
Channel 2, and V.23.
Fixed Digital Cable Compromise Equalizer
Compromise equalization can improve performance
when operating over low quality lines. The modem has
a selectable fixed digital compromise cable equalizer
in the high speed receive and transmit data path.
Transmitted Data Spectrum
The transmitted data spectrum is shaped in the
baseband by an excess bandwidth finite impulse
response (FIR) filter with the following characteristics:
When operating at 2400 baud, the transmitted
spectrum is shaped by a square root of 20% raised
cosine filter.
When operating at 1600 baud, the transmitted
spectrum is shaped by a square root of 50% raised
cosine filter.
When operating at 1200 baud, the transmitted
spectrum is shaped by a square root of 90% raised
cosine filter.
The out-of-band transmitter energy levels in the 4 - 50
kHz frequency range are below -55.0 dBm.
Transmit Level
The transmitter output level is programmable in the
DSP RAM from 0 dBm to -15.0 dBm and is accurate to
±1.0 dB. The modem adjusts the output level by
digitally scaling the output to the transmitter's digital-
to-analog converter.
Turn-on Sequence
Transmitter turn-on sequence times are shown in
Table 3.
Receive Dynamic Range
The receiver satisfies PSTN performance
requirements for received line signal levels from 0
dBm to -43 dBm measured at the Receiver Analog
Input (RXA) input. An external input buffer must be
supplied between RXA and LINEIN.
The default values of the programmable Received
Line Signal Detector (RLSD#) turn-on and turn-off
threshold levels are -43 dBm and -48 dBm,
respectively. The RLSD# threshold levels can be
programmed over the following range:
Turn on: -10 dBm to -47 dBm
Turn off: -10 dBm to -52 dBm
Automatic Adaptive Equalizer
An adaptive equalizer in ITU-T V.33, V.17, V.29 and
V.27ter modes compensates for transmission line
amplitude and group delay distortion.
Receiver Timing
The timing recovery circuit can track a
±0.01%
frequency error in the associated transmit timing
source.
Carrier Recovery
The carrier recovery circuit can track a
±7 Hz
frequency offset in the received carrier.
Turn-off Sequence
Transmitter turn-off sequence times are shown in
Table 4.
Clamping
Received Data (RXD) is clamped to a constant mark
whenever RLSD# is off.
V.23 Full-Duplex Features
The modem can transmit and detect Break signals
(continuous Space).
The Mark and Space frequencies are 1300 and 2100
Hz, respectively, for 1200 bps, and 390 and 450 Hz,
respectively, for 75 bps.
Additional features include an optional host
programmable Receive Compromise Equalizer for
V.23 1200 bps reception and Caller ID mode.
Default transmitter turn-on/turn-off sequence times are
10.5 ms (RTS On to CTS On) and 2.2 ms (RTS Off to
CTS Off).


同様の部品番号 - FM209

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
List of Unclassifed Man...
FM20 ETC2-FM20 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
More results

同様の説明 - FM209

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
List of Unclassifed Man...
R96MFX ETC2-R96MFX Datasheet
1Mb / 23P
   9600BPS MONOFAX MODEM
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com