データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM214 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 FM214
部品情報  9600/14400 BPS MONOFAX MODEM FAMILY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM214 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM214 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
   
6
MD205
Table 3. Turn-On Sequence Times
    
  
 
  
 
 



  


  


  


     
 

     


     


     


    
≤
≤
Table 4. Turn-Off Sequence Times
  
 



 






  



   !  



     



     



     



     



    


Notes:
1.
In parallel data mode, the turn-off sequence may be
extended by 8 bit times.
2.
In HDLC mode, the turn-off sequence may be extended by
more than 8 bit times.
Caller ID Reception
Caller ID reception (CID) allows Customer Premises
Equipment (CPE) to receive a calling party’s directory
number which includes the date and time of the call.
For Type I Caller ID this information is contained in the
first 4-second silent interval in the ring cycle. For Type
II Caller ID support an ACK signal is sent by the CPE
in response to a CAS tone, after which the calling
party information from the Stored Program Control
Switching System (SPCS) can be received by the
CPE.
Tone Generation
The modem can generate voice-band single or dual
tones from 0 Hz to 4800 Hz with a resolution of 0.15
Hz and an accuracy of 0.01%. Tones over 3000 Hz
are attenuated. Dual tone generation allows the
modem to operate as a programmable DTMF dialer.
Tone Detectors
All three tone detectors operate in all receive modes.
The tone detectors can also operate as one 12th order
filter.
The filter coefficients of each filter are host
programmable in RAM. The output of the tone detector
filter goes to an energy detector.
Hardware Interface
The Fax, Digital Telephone Answering Machine
(DTAM), and Speakerphone hardware interface
signals are shown in Figure 1, Figure 2, and Figure 3.
Any point that is active when exhibiting the relatively
more negative voltage of a two-voltage system (0 VDC
for TTL or -12 VDC for EIA/TIA-232-E) is called active
low and is represented by a small circle at the signal
point. Active low signals are indicated by a pound sign
(#), (RESET#).
Edge-triggered clocks are indicated by a small triangle
(DCLK).
A small half circle denotes open-collector (open-
source or open-drain) outputs (signal IRQ#).
A clock intended to activate logic on its rising edge
(low-to-high transition) is called active high, while a
clock intended to activate logic on its falling edge
(high-to-low transition) is called active low. When clock
input is associated with a small circle, the input
activates on a falling edge. If no circle is shown, the
input activates on a rising edge.
The pin assignments for the 128-pin TQFP are shown
in Figure 4.
General Specifications
The modem power and environmental requirements
are listed in Table 5 and Table 6, respectively.
Table 5. Current and Power Requirements
Mode
Option
Current (Typ.)
@25
°C
3.3V ± 5%.
DVAA
2.5 ma
V
DD
Basic
50 ma
V
DD
- V
72 ma
V
DD
- VS
80 ma
5V ± 5% V
GG
5.5 ma
Basic
.25 ma
- V
.30 ma
- VS
.30 ma
Note: Input Ripple
≤0.1 Vpeak-peak. The
amplitude of any frequency between 20
kHz and 150 kHz must be less than 500
µVpeak.
Table 6. Environmental Requirements
Parameter
Specification
Temperature
Operating
0
°C to +70°C (32°F to 158°F)
Storage
-55
°C to +125°C (-67°F to 257°F)
Relative Humidity
Up to 90% non-condensing, or a wet bulb
temperature up to 35
°C, whichever is less.


同様の部品番号 - FM214

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM2100 RECTRON-FM2100 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM2100 FORMOSA-FM2100 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM2100-C FORMOSA-FM2100-C Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM2100-L FORMOSA-FM2100-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM2100-LN FORMOSA-FM2100-LN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

同様の説明 - FM214

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
List of Unclassifed Man...
R96MFX ETC2-R96MFX Datasheet
1Mb / 23P
   9600BPS MONOFAX MODEM
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com