データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM214 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 FM214
部品情報  9600/14400 BPS MONOFAX MODEM FAMILY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM214 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM214 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM214 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
   
MD205
9
USART
(Optional)
FM209/214-V
MONOFAX
MODEM
HOST
Processor
(DTE)
DECODER
TXD
DCLK
RXD
RTS#
CTS#
RLSD#
READ#
WRITE#
DATA BUS
ADDR. BUS
CS#
RESET#
IRQ1#
IRQ2#
CRYSTAL
XTLI
XTLO
DAA
RINGD
LINEOUT
LINEIN
EYE PATTERN
GENERATOR
(Optional)
EYEXY
EYECLK
SPEAKER
DRIVER
EYESYNC
SPKRP
SPKRM
MICROPHONE
AMP.
MICP
MICM
TELEPHONE
LINE
OffHook
Talk
POWER
SUPPLY
+5V
+3.3V
GND
MIC BIAS
Figure 2. Modem Functional Interconnect Diagram (Fax and DTAM)


同様の部品番号 - FM214

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM2100 RECTRON-FM2100 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM2100 FORMOSA-FM2100 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM2100-C FORMOSA-FM2100-C Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM2100-L FORMOSA-FM2100-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM2100-LN FORMOSA-FM2100-LN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

同様の説明 - FM214

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
List of Unclassifed Man...
R96MFX ETC2-R96MFX Datasheet
1Mb / 23P
   9600BPS MONOFAX MODEM
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com