データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAP3242 データシート(PDF) 4 Page - MagnaChip Semiconductor.

部品番号 MAP3242
部品情報  4-channel LED Driver for High Brightness LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MGCHIP [MagnaChip Semiconductor.]
ホームページ  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3242 データシート(HTML) 4 Page - MagnaChip Semiconductor.

  MAP3242 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3242 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Confidential
Datasheet Version 1.1
Jun 13
th 2013
4
Absolute Maximum Ratings
(Note 1)
Symbol
Parameter
Min
Max
Unit
VVIN
Supply Voltage
-0.3
40
V
VGATE
Gate Driver Output
-0.3
14
V
VVDD,
VDD pin
-0.3
14
V
VEN, VCS, VVLDO ,VPWM, VCOMP, VOVP,
VVLS, VISET, VPGOOD, VFSW, VADIM
EN, CS, VLDO, PWM, COMP, OVP, VLS, ISET, PGOOD,
FSW, ADIM pin
-0.3
6
V
VFB1~4
LED Current Sink Pin
-0.3
65
V
IFB1~4
LED Current Sink Pin
240
mA
TPAD
Soldering Lead/ Pad Temperature 10sec
300
°C
TJ
Junction Temperature
-40
+150
°C
TS
Storage Temperature
-65
+150
°C
ESD
HBM on All Pins (Note 2)
-2000
+2000
V
MM on All Pins (Note 3)
-200
+200
Note 1: Stresses beyond the above listed maximum ratings may damage the device permanently. Operating above the recommended
conditions for extended time may stress the device and affect device reliability. Also the device may not operate normally above the
recommended operating conditions. These are stress ratings only.
Note 2: ESD tested per JESD22A-114.
Note 3: ESD tested per JESD22A-115.
Recommended Operating Conditions
(Note 1)
Parameter
Min
Max
Unit
VVIN
Supply Input Voltage
8.5
36
V
IFB1~4
LED Current Sink Pin
90
240
mA
VFB1~4
LED Current Sink Pin
65
V
TA
Ambient Temperature (Note 2)
-40
+85
°C
Note 1: Normal operation of the device is not guaranteed if operating the device over outside range of recommended conditions.
Note 2: The ambient temperature may have to be derated if used in high power dissipation and poor thermal resistance conditions.
Package Thermal Resistance
(Note 1)
Parameter
θJA
θJC
Unit
MAP3242SHRH
28 Leads HSOP
45.1
28.7
℃/W
MAP3242SIRH
20 Leads SOIC
68.5
36.3
℃/W
MAP3242TERH
20 Leads E-TSSOP
64.1
9.3
℃/W
Note 1: Multi-layer PCB based on JEDEC standard (JESD51-7)


同様の部品番号 - MAP3242

メーカー部品番号データシート部品情報
logo
MagnaChip Semiconductor...
MAP3249 MGCHIP-MAP3249 Datasheet
4Mb / 19P
   4-channel LED Driver for High Brightness LEDs
MAP3249SIRH MGCHIP-MAP3249SIRH Datasheet
4Mb / 19P
   4-channel LED Driver for High Brightness LEDs
MAP3249TERH MGCHIP-MAP3249TERH Datasheet
4Mb / 19P
   4-channel LED Driver for High Brightness LEDs
More results

同様の説明 - MAP3242

メーカー部品番号データシート部品情報
logo
MagnaChip Semiconductor...
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3205 MGCHIP-MAP3205 Datasheet
892Kb / 13P
   4-channel LED Driver for High Brightness LEDs
MAP3249 MGCHIP-MAP3249 Datasheet
4Mb / 19P
   4-channel LED Driver for High Brightness LEDs
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
   Dual Channel High Brightness LED Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com