データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1443BIGABL データシート(PDF) 11 Page - Texas Instruments

部品番号 X1443BIGABL
部品情報  Single-Chip 77- and 79-GHz FMCW Radar Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

X1443BIGABL データシート(HTML) 11 Page - Texas Instruments

Back Button X1443BIGABL Datasheet HTML 7Page - Texas Instruments X1443BIGABL Datasheet HTML 8Page - Texas Instruments X1443BIGABL Datasheet HTML 9Page - Texas Instruments X1443BIGABL Datasheet HTML 10Page - Texas Instruments X1443BIGABL Datasheet HTML 11Page - Texas Instruments X1443BIGABL Datasheet HTML 12Page - Texas Instruments X1443BIGABL Datasheet HTML 13Page - Texas Instruments X1443BIGABL Datasheet HTML 14Page - Texas Instruments X1443BIGABL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
11
AWR1443
www.ti.com
SWRS202 – MAY 2017
Submit Documentation Feedback
Product Folder Links: AWR1443
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4.2
Signal Descriptions
Table 4-1. Signal Descriptions
FUNCTION
SIGNAL NAME
PIN NUMBER
PIN
TYPE
DESCRIPTION
Transmitters
TX1
B4
O
Single-ended transmitter1 o/p
TX2
B6
O
Single-ended transmitter2 o/p
TX3
B8
O
Single-ended transmitter3 o/p
Receivers
RX1
M2
I
Single-ended receiver1 i/p
RX2
K2
I
Single-ended receiver2 i/p
RX3
H2
I
Single-ended receiver3 i/p
RX4
F2
I
Single-ended receiver4 i/p
LVDS TX
LVDS_TXP[0]
G15
O
Differential data Out – Lane 0
LVDS_TXM[0]
G14
O
LVDS_CLKP
J15
O
Differential clock Out
LVDS_CLKM
J14
O
LVDS_TXP[1]
H15
O
Differential data Out – Lane 1
LVDS_TXM[1]
H14
O
HS_RESERVED_TXP[2]
K15
O
Differential data Out – Lane 2
HS_RESERVED_TXM[2
]
K14
O
HS_RESERVED_TXP[3]
L15
O
Differential data Out – Lane 3
HS_RESERVED_TXM[3
]
L14
O
LVDS_FRCLKP
M15
O
Differential debug port 1
LVDS_FRCLKM
M14
O
HS_DEBUG2_P
N15
O
Differential debug port 2
HS_DEBUG2_M
N14
O
RESERVED
B15, B1, D15,
D1
System
synchronization
SYNC_OUT
P11
O
Low-frequency synchronization signal output
SYNC_IN
N10
I
Low-frequency synchronization signal input
SPI control
interface from
external MCU
(default slave
mode)
SPI_CS_1
R7
I
SPI chip select
SPI_CLK_1
R9
I
SPI clock
MOSI_1
R8
I
SPI data input
MISO_1
P5
O
SPI data output
SPI_HOST_INTR_1
P6
O
SPI interrupt to host
RESERVED
R3, R4, R5, P4
Reset
NRESET
P12
I
Power on reset for chip. Active low
WARM_RESET
N12
IO
Open-drain fail-safe warm reset signal. Can be driven from
PMIC for diagnostic or can be used as status signal that the
device is going through reset.
Safety
NERROR_OUT
N8
O
Open-drain fail-safe output signal. Connected to
PMIC/Processor/MCU to indicate that some severe criticality
fault has happened. Recovery would be through reset.
NERROR_IN
P7
I
Fail-safe input to the device. Error output from any other device
can be concentrated in the error signaling monitor module
inside the device and appropriate action can be taken by
firmware
JTAG
TMS
L13
I
JTAG port for standard boundary scan
TCK
M13
I
TDI
H13
I
TDO
J13
O


同様の部品番号 - X1443BIGABL

メーカー部品番号データシート部品情報
logo
Texas Instruments
X1443BIGABL TI1-X1443BIGABL Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
More results

同様の説明 - X1443BIGABL

メーカー部品番号データシート部品情報
logo
Texas Instruments
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP_V01 Datasheet
3Mb / 88P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
REVISED SEPTEMBER 2021
AWR1843 TI1-AWR1843_V01 Datasheet
2Mb / 75P
[Old version datasheet]   AWR1843 Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP Datasheet
3Mb / 80P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
AWR1243 TI1-AWR1243_18 Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243 TI1-AWR1243 Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243_1811 TI1-AWR1243_1811 Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com