データシートサーチシステム |
|
LM107JG データシート(PDF) 2 Page - Texas Instruments |
|
LM107JG データシート(HTML) 2 Page - Texas Instruments |
2 / 4 page LM107, LM207, LM307 HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS SLOS060 – D962, DECEMBER 1970 – REVISED SEPTEMBER 1990 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) LM107 LM207 LM307 UNIT Supply voltage, VCC + (see Note 1) 22 22 18 V Supply voltage, VCC – (see Note 1) –22 –22 –18 V Differential input voltage (see Note 2) ±30 ±30 ±30 V Input voltage (either input, see Notes 1 and 3) ±15 ±15 ±15 V Duration of output short circuit (see Note 4) unlimited unlimited unlimited Continuous total dissipation See Dissipation Rating Table Operating free-air temperature range – 55 to 125 – 25 to 85 0 to 70 °C Storage temperature range – 65 to 150 – 65 to 150 – 65 to 150 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J, JG, U, or W package 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package 260 260 °C NOTES: 1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC + and VCC –. 2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or either power supply. For the LM107 only, the unlimited duration of the short circuit applies at (or below) 125 °C case temperature or 75°C free-air temperature. For the LM207 only, the unlimited duration of the short circuit applies at (or below) 85 °C case temperature or 75°C free air temperature. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D J JG P U W 500 mW 500 mW 500 mW 500 mW 500 mW 500 mW 5.8 mW/ °C 11.0 mW/ °C 8.4 mW/ °C N/A 5.4 mW/ °C 8.0 mW/ °C 64 °C 105 °C 90 °C N/A 57 °C 87 °C 464 mW 500 mW 500 mW 500 mW 432 mW 500 mW 377 mW 500 mW 500 mW 500 mW 351 mW 500 mW — 275 mW 210 mW — 135 mW 200 mW recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC + 2 18 V Supply voltage, VCC – –2 –18 V |
同様の部品番号 - LM107JG |
|
同様の説明 - LM107JG |