データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U90-G4X1-1XXX データシート(PDF) 9 Page - Amphenol Corporation

部品番号 P-U90-G4X1-1XXX
部品情報  WITH HEATSINK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-G4X1-1XXX データシート(HTML) 9 Page - Amphenol Corporation

Back Button P-U90-G4X1-1XXX Datasheet HTML 2Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 3Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 4Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 5Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 6Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 7Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 8Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 9Page - Amphenol Corporation P-U90-G4X1-1XXX Datasheet HTML 10Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
43.82
39.0 REF
9.50 TYP.
19.00 TYP.
6.16 TYP.
5.15
FROM 3.2 MM HOST BOARD
TO CENTER LINE OF PANEL
OPENING
13.51
FROM 3.2 MM TOP SURFACE
TO LIGHT PIPE CENTER LINE
0.30
9 OF 10
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
ZLJ
JAN 29/13
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
Jane.Z
P-U90-G4X1-1XXX
A.GREEN
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DO NOT SCALE DRAWING
SEE SHEET 1
REVISIONS
Q
DATE
REV.
APPROVED
ZLJ
DESCRIPTION
NOV 25/08
ECN/E-R
.25
Q
2.5:1
WITH HEATSINK,CLIP AND LIGHT PIPE
NOV 25/08
NOV 25/08
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
.X
QSFP 1X4 CAGE
BEHIND BEZEL
SECTION BP-BP
SCALE 5 : 2
QSFP CONNECTOR
P-FS1-R38-2000
SHOWN AS REFERENCE
MAX LED HEIGHT
1.90
2.20
TO HOST BOARD
0.30
PANEL CUTOUT
1.60
3.20
HOST BOARD
THICKNESS
BP
BP
A
BELLY TO BELLY OPTION WITH LIGHT PIPES
PANEL CUTOUT FOR BEHIND BEZEL
HOST BOARD SURFACE
(WITH SQUARE LIGHT PIPES)
U90-G451-103A
0.05
PART NUMBER SHOWN
B
B
A
FOR 3.2 MM THICK
TYP.
9.70
3.50
0.3
(2 PLC.)
HOST BOARD
TYP.
R
76.50
MAX. TYP.
3.80
3.50
TYP.


同様の部品番号 - P-U90-G4X1-1XXX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
   CAGE IS INTENDED FOR USE WITH THE
More results

同様の説明 - P-U90-G4X1-1XXX

メーカー部品番号データシート部品情報
logo
celduc-relais
WF311100 CELDUC-WF311100 Datasheet
44Kb / 1P
   Heatsink with DIN rail adaptator
logo
Advanced Power Electron...
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP76T03AGMT-HF A-POWER-AP76T03AGMT-HF_16 Datasheet
64Kb / 5P
   SO-8 Compatible with Heatsink
AP2RA04GMT-HF A-POWER-AP2RA04GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP0503GMT-HF A-POWER-AP0503GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP1RA03GMT-HF A-POWER-AP1RA03GMT-HF_16 Datasheet
53Kb / 5P
   SO-8 Compatible with Heatsink
AP9990GMT-HF A-POWER-AP9990GMT-HF_16 Datasheet
61Kb / 5P
   SO-8 Compatible with Heatsink
AP0704GMT-HF A-POWER-AP0704GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com