データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-MUSB-A211-XX データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-MUSB-A211-XX
部品情報  CONTACT RESISTANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-A211-XX データシート(HTML) 1 Page - Amphenol Corporation

  P-MUSB-A211-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-A211-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 = WITH GREY DUST COVER SUPPLIED
WITH RIGHT ANGLE CABLE HEADER
SERIES, RUGGED USB
X
DUST COVER OPTION
USB SERIES 'A' RECEPTACLE, RIGHT ANGLE ON PCB
X
0 = NO DUST COVER SUPPLIED
5 = WITH BLACK DUST COVER SUPPLIED
ORDERING CODE: M U S B - A 2 1 1 -
THREAD OPTION
3 = #4-40 UNC THREAD
M = M3 x 0.5 THREAD
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS.
OUTER SHELL - DIECAST ZINC ALLOY, NICKEL PLATED.
CONTACTS - PHOSPHOR BRONZE, PLATED WITH 0.76 MICRONS (30 MICROINCHES) GOLD
OVER 1.27 MICRONS (50 MICROINCHES) MINIMUM NICKEL ON THE MATING AREA WITH
MATTE TIN OVER NICKEL ON THE TAILS.
USB HOUSING - ENGINEERING THERMOPLASTIC, HIGH TEMPERATURE RESISTANT,
FLAMMABILITY RATING UL94V-0 BLACK.
USB SHIELD & BACK COVER - COPPER ALLOY, NICKEL PLATED.
GASKET - SILICONE RUBBER, BLACK.
PCB - FR-4 FIBERGLASS, LEAD FREE.
CABLE HEADER: THERMOPLASTIC HOUSING (UL94V-0, BLACK) WITH BRASS CONTACTS
(PLATED GOLD OVER NICKEL), TYCO P/N 5499786-2 OR EQUIVALENT. HEADER MATES
WITH TYCO RECEPTACLE 1658620-2 WITH STRAIN RELIEF 499252-9 OR EQUIVALENT.
DUST COVER - SILICONE RUBBER WITH NICKEL PLATED BRASS BUSHING. SEE ORDERING
CODE FOR DUST COVER OPTIONS. SEE SHEET 2 FOR APPLICATION VIEW
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL BETWEEN MATING AREA
2.
AND PCB SIDE OF CONNECTOR. GASKET PROVIDES SEAL TO INSIDE FACE OF ENCLOSURE
PANEL. AVAILABLE DUST COVER PROVIDES ADDED PROTECTION.
CURRENT RATING: 1.5 AMPERES
3.
CONTACT RESISTANCE: 50 MILLIOHMS MAXIMUM (SUBJECT TO VERIFICATION)
4.
OPERATING TEMPERATURE: -40 C to +105 C
5.
DUST COVERS MAY BE ORDERED SEPARATELY, SPECIFY
6.
MUSB-2A111-014BP FOR GREY DUST COVER
MUSB-2A111-024BP FOR BLACK DUST COVER
DATE CODE INK MARKING
.157
1.57
2.00
REF.
.402
±.016
13.64
.170
.079
.062
10.20
.551
4.32
4.00
±0.40
14.00
.537
8.38±0.40
.330±.016
DUST COVER
OPTIONAL. SEE
ORDERING CODE
REF
2.559
.630
.120
MOUNTING HOLE
16.00
REF
3.05
65.00
8.00
REF
.315
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
INCHES
MILLIMETERS
0.15
1
R/A CABLE HEADER, THREAD AND DUST
SCALE
ANGLE
2
D
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
DWG APPR.
ENG. REL. NO.
REF.
APP'D
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
2
1
2
K. LAMBIE
SHEET
COVER OPTIONS, RoHS COMPLIANT
S.SEMENOV
D
P-MUSB-A211-XX
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
RECEPTACLE, RIGHT ANGLE, ON PCB WITH
DRAWING
A.GREEN
TBD
MAR01/07
03554
3:1
C
EAR 13560
DRAWN
CHECKED
M.E. APP'D
MUSB RUGGED SERIES A USB
PRODUCT DRAWING (EAR 13821)
JAN 17/11
3 DECIMAL PLACES
Q.A. APP'D
THIRD
ANGULAR DEGREES
OF
K.L.
DWG SIZE:
DO NOT
PROJECTION
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
TBD
DIECAST
GASKET
RECEPTACLE
SERIES A
SHELL
PCB
RUGGED USB
CABLE
HEADER
CONTACT
POSITION #1
5.50 [.217] DEEP THREADED
HOLES. SEE ORDERING CODE
THREAD OPTION
24.00
.945
.709
18.00
4.50
.177
1.457
±0.50
±.020
±.010
REF
1.979
50.27
1.181
30.00
±.059
.630
±0.25
16.00
±1.50
1.822
46.27
37.00
27.50±1.00
1.083±.039


同様の部品番号 - P-MUSB-A211-XX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
P-MUSB-AA11-XX AMPHENOL-P-MUSB-AA11-XX Datasheet
129Kb / 2P
   FLAMMABILITY RATING UL94V-0 BLACK
More results

同様の説明 - P-MUSB-A211-XX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
   CONTACT RESISTANCE
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
   Low Contact Resistance
logo
World Produts Inc.
PCMP489 WPI-PCMP489 Datasheet
214Kb / 8P
   Low contact resistance
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com