データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-MUSB-BA51-XX データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-MUSB-BA51-XX
部品情報  DUST COVERS MAY BE ORDERED SEPARATELY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-BA51-XX データシート(HTML) 1 Page - Amphenol Corporation

  P-MUSB-BA51-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-BA51-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATE CODE
INK MARKING
5.58
.220
.244
6.20
.098
2.50
.087
2.20
8.20±0.40
±.016
.323
2.75±0.40
.108±.016
SHELL
RECEPTACLE
GASKET
MINI-B USB
RUGGED
DIECAST
PCB
REAR SHIELD
OPTIONAL
SEE ORDERING
CODE
7.40
.291
.362
9.20
.787
20.00
±.039
.904
±1.00
22.95
±.020
.701
±0.50
1.002
REF.
17.80
25.45
12.70
.500
N=NO REAR SHIELD, M2.5 x 0.45 THREAD
MUSB-2E151-005BP FOR GREY DUST COVER
DUST COVER OPTION
0=NO DUST COVER SUPPLIED
1=WITH GREY DUST COVER SUPPLIED
5=WITH BLACK DUST COVER SUPPLIED
MINI-B RECEPTACLE, RIGHT
ANGLE, ON PCB WITH
HOLES FOR WIRING
MUSB-2E151-015BP FOR BLACK DUST COVER
ORDERING CODE: M U S B - B A 5 1 - X X
SEE PAGE 2 FOR APPLICATION VIEW
NOTES:
MATERIAL
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND
AMENDMENTS.
OUTER SHELL - DIECAST ZINC, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE WITH 30 MICROINCHES (0.76 MICRONS)
GOLD OVER 50 MICROINCHES (1.27 MICRONS) MINIMUM NICKEL ON THE
MATING AREA AND TIN OVER NICKEL ON THE CONTACT TAILS
USB HOUSING: ENGINEERING THERMOPLASTIC, UL FLAMMABILITY
RATING UL94V-0, BLACK
USB SHIELD: COPPER ALLOY, NICKEL PLATED
REAR SHIELD: COPPER ALLOY, NICKEL PLATED
GASKET - PORON, WITH ADHESIVE BACKING
PCB - FR-4 FIBERGLASS, LEAD FREE
DUST COVER: SILICONE RUBBER WITH NICKEL PLATED COPPER ALLOY
BUSHING
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES
SEAL TO INSIDE FACE OF ENCLOSURE PANEL. AVAILABLE DUST COVER
PROVIDES ADDED PROTECTION.
CURRENT RATING: 1 AMPERES.
3.
CONTACT RESISTANCE: 100 MILLIOHMS (SUBJECT TO VERIFICATION).
4.
OPERATING TEMPERATURE: -40 C TO +105 C.
5.
DUST COVERS MAY BE ORDERED SEPARATELY. SPECIFY
6.
REAR SHIELD & THREAD OPTION
0=NO REAR SHIELD, #2-56 UNC THREAD
3=WITH REAR SHIELD, #2-56 UNC THREAD
M=WITH REAR SHIELD, M2.5 x 0.45 THREAD
SERIES, RUGGED USB
DUST COVER
OPTIONAL. SEE
ORDERING CODE
2.302
REF.
58.47
.362
REF.
9.20
6.20 REF.
.244
HOLE
2.60
[.102]
MOUNTING
.591
15.00
10.00
.394
THREAD OPTION
5.00 [.197] DEEP THREADED
HOLES. SEE ORDERING CODE
MAR13/09
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
BC
D
E
F
G
H
2
1
2
1
SHEET 1 OF 2
B
UNLESS SPECIFIED OTHERWISE
SCALE: 4:1
REV
DWG. NO.
M.E. APP'D
Q.A. APP'D
CHECKED
PRIMARY UNITS
MILLIMETERS
6
Amphenol Canada Corp.
DWG APPR.
MAR18/09
K.LAMBIE
REFERENCE IN PARENTHESES
DRAWING
THIRD
ANGLE
ANGULAR DEGREES
SECONDARY
INCHES
CODE ID NO. 03554
DRAWN
DESCRIPTION, ECN, EAR NO.
APPROVED
DATE
REV.
REVISIONS
3
DECIMAL PLACES
PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MUSB-BA51-XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
0.15
FOR WIRING, RoHS COMPLIANT
H.KIM
ENG. REL. NO.
B
PRODUCT DRAWING (EAR 13491)
JUN01/10
K.L.
DWG SIZE:
REF.
ANGLE, ON PCB WITH HOLES
USB RECEPTACLE, RIGHT
PROJECTION
GENERAL TOLERANCES
1
DECIMAL PLACE
2
DECIMAL PLACES
MUSB SERIES RUGGED MINI-B
DO NOT
SCALE
EAR 13491


同様の部品番号 - P-MUSB-BA51-XX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
   OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
P-MUSB-B551-XX AMPHENOL-P-MUSB-B551-XX Datasheet
79Kb / 2P
   USB HOUSING: ENGINEERING THERMOPLASTIC
More results

同様の説明 - P-MUSB-BA51-XX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-MUSBR-E151-XX AMPHENOL-P-MUSBR-E151-XX Datasheet
153Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B551-XX AMPHENOL-P-MUSBR-B551-XX Datasheet
157Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E551-XX AMPHENOL-P-MUSBR-E551-XX Datasheet
156Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-E551-XX AMPHENOL-P-MUSB-E551-XX Datasheet
75Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B151-XX AMPHENOL-P-MUSBR-B151-XX Datasheet
155Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-K152-XX AMPHENOL-P-MUSB-K152-XX Datasheet
83Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A511-XX AMPHENOL-P-MUSBR-A511-XX Datasheet
190Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com