データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL14661 データシート(PDF) 10 Page - Texas Instruments

部品番号 TL14661
部品情報  HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL14661 データシート(HTML) 10 Page - Texas Instruments

Back Button TL14661 Datasheet HTML 6Page - Texas Instruments TL14661 Datasheet HTML 7Page - Texas Instruments TL14661 Datasheet HTML 8Page - Texas Instruments TL14661 Datasheet HTML 9Page - Texas Instruments TL14661 Datasheet HTML 10Page - Texas Instruments TL14661 Datasheet HTML 11Page - Texas Instruments TL14661 Datasheet HTML 12Page - Texas Instruments TL14661 Datasheet HTML 13Page - Texas Instruments TL14661 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TL1466I
HIGHSPEED/PRECISION SIX CHANNEL
SWITCHING REGULATOR CONTROLLER
SLVS262 − FEBRUARY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Oscillator Triangle
Waveform (Note A)
Error Amplifier Output
(FEED BACK)
PWM Comparator
Output Voltage
Output Waveform
(OUTPUT2)
Output Regulation Voltage
Monitor Waveform
(COMP2)
SCP Terminal Waveform
SCP Comparator Output
Power Supply Voltage
2.45 V TYP
1.5 V
1.5 V
1.5 V
tpe
1.35 V
0.65 V
H
L
H
L
Dead Time 100%
0 V
Vref
+0.7
1.5 V
H
L
VCC
0 V
† Protection enable time, tpe = (588 × 103 × Cpe) in seconds
NOTE A: The oscillator output of channel 1, 4, and 6 is reverse phase for channel 2, 3, and 5.
Figure 2. Timing Diagram (channel 2)


同様の部品番号 - TL14661

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMR TI-TL1466IPMR Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMRG4 TI-TL1466IPMRG4 Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
More results

同様の説明 - TL14661

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
   Bi-CMOS LSI Six-Channel Switching Regulator Controller
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com