データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC37N972 データシート(PDF) 1 Page - SMSC Corporation

部品番号 FDC37N972
部品情報  Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N972 データシート(HTML) 1 Page - SMSC Corporation

  FDC37N972 Datasheet HTML 1Page - SMSC Corporation FDC37N972 Datasheet HTML 2Page - SMSC Corporation FDC37N972 Datasheet HTML 3Page - SMSC Corporation FDC37N972 Datasheet HTML 4Page - SMSC Corporation FDC37N972 Datasheet HTML 5Page - SMSC Corporation FDC37N972 Datasheet HTML 6Page - SMSC Corporation FDC37N972 Datasheet HTML 7Page - SMSC Corporation FDC37N972 Datasheet HTML 8Page - SMSC Corporation FDC37N972 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 390 page
background image
FDC37N972
ADVANCE INFORMATION
Advanced Notebook I/O Controller with Enhanced
Keyboard Control and System Management
FEATURES
!" 3.3V Operation With 5V Tolerant Buffers
!" ACPI 1.0 and PC99 Compliant
!" Three Power Planes
!" ACPI Embedded Controller Interface
!" Low Standby Current in Sleep Mode
!" Configuration Register Set Compatible With
ISA Plug-and-Play Standard (Version 1.0a)
!" Serial IRQ Interface Compatible With
Serialized IRQ Support for PCI Systems
!" Floppy Disk Interface on Parallel Port
!" 8051 Controller uses Parallel Port to
Reprogram the Flash ROM
!" Advanced Infrared Communications
Controller (IrCC 2.0)
-
IrDA V1.1 (4Mbps), HPSIR, ASKIR,
Consumer IR Support
-
Two IR Ports
-
Relocatable Base I/O Address
!" 512k Byte Flash ROM Interface
-
8051/Host CPU Multiplexed Interface
-
Sixteen 32K Pages - 8051 Keyboard
BIOS
-
Eight 64K Pages - Host System BIOS
-
Embedded Controller uses Parallel Port
to Reprogram Flash ROM
!" ISA Host Interface With Clock Run Support
and ACPI SCI Interface
-
16 Bit Address Qualification
-
8 Bit Data Bus
-
Zero Wait-State I/O Register Access
-
Shadowed Write Only registers
-
IOCHRDY for ECP, IRCC 2.0 and Flash
Cycles
-
15 Direct IRQs Including nSMI
-
Four 8 Bit DMA Channels
-
XNOR Test Chain
!"High-Performance Embedded 8051
Keyboard and System Controller
-
Provides System Power Management
-
System Watch Dog Timer (WDT)
-
8042 Style Host Interface
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
2K Internal ROM, nEA Pin Select
-
32K Bank Switchable External Flash
ROM Interface
-
256 Bytes Data RAM
-
On-Chip Control Registers Available via
MOVX External Data Access Commands
-
Access to RTC and CMOS Registers
-
Up to 16x8 Keyboard Scan Matrix
-
Three 16 Bit Timer/Counters
-
Integrated TX/RX Serial Interface
-
Eleven 8051 Interrupt Sources
-
Thirty-Two 8 Bit, Host/8051 Mailbox
Registers
-
Thirty Maskable Hardware Wake-Up
Events Supported
-
Fast GATEA20
-
Fast CPU_RESET
-
Multiple Clock Sources and Frequencies
-
IDLE and SLEEP Modes
-
Fail-Safe Ring Oscillator
!"Real Time Clock
-
MC146818 and DS1287 Compatible
-
256 Bytes of Battery Backed CMOS in
Two 128-Byte Banks
-
128 Bytes of CMOS RAM Lockable in
4x32 Byte Blocks
-
12 and 24 Hour Time Format
-
Binary and BCD Format


同様の部品番号 - FDC37N972

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
FDC37N958FRTQFP ETC1-FDC37N958FRTQFP Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
More results

同様の説明 - FDC37N972

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
   Advanced Notebook I/O Controller with On-Board FLASH
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
   Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
   Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com