データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


KARN-50 データシート(Datasheet) 1 Page - Mini-Circuits

部品番号. KARN-50
部品情報  Termination TYPE-N 50Ω DC to 8 GHz
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 1 page
background image
Typical Performance Data
Electrical Specifications
Maximum Ratings
Features
• cellular communications
• satellite communications
• defense communications
• test set-up
• wideband coverage, DC to 8 GHz
• useable to 9 GHz (return loss, 20 dB typ. at 9 GHz)
• 2 watt rating
• rugged contruction
• brass body with trimetal finish
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
FREQUENCY
(MHz)
RETURN LOSS
(dB)
CASE STYLE: LL718
CONNECTOR: N-type male
PRICE: $11.95 ea. QTY (1-9)
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
wt.
1.18
.56
.67
grams
30.00 14.20
17.0
30.0
FREQUENCY
(GHz)
IMPEDANCE
(OHMS)
RETURN LOSS (dB)
MIN.
* At 70°C, derate linearly at 0.025W/°C to 1.25W at 100°C.
POWER
RATING*
(W)
KARN-50
DC-8
50
36
32
28
25
20
2
DC-.5
GHz
MODEL
NO.
DC-1
GHz
DC-2
GHz
DC-4
GHz
DC-8
GHz
_
X
σσσσσ
100
46.31
3.37
600
46.36
3.36
1000
44.26
3.04
2000
39.83
2.99
3000
37.27
2.46
4000
35.14
2.50
5000
33.72
2.73
6000
34.35
4.53
7000
34.72
4.95
8000
34.96
5.16
NEW!
KARN-50
RETURN LOSS
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
50
DC to 8 GHz
Termination TYPE-N
REV. B
M94184
ED-11480A
KARN-50
RS/TD/CP
040901
KARN-50




Html ページ

1 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ANNE-50XTermination SMA 50Ω DC to 20 GHz 1 Mini-Circuits
KARN-50-18Termination N-Type 50Ω DC to 18 GHz 1 Mini-Circuits
LOUIS-50Termination DIN 50Ω DC to 2 GHz 1 Mini-Circuits
MERA-556Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 2.2 GHz 1 2 3 4 5 Mini-Circuits
ZX60-M-SERIESHigh Isolation Amplifiers 50Ω 0.5 to 5.9 GHz 1 2 Mini-Circuits
MERA-7433Surface Mount DualMatchedMMICAmplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
MERA-7456Surface Mount Dual Matched MMIC Amplifiers 50Ω High Dynamic Range DC to 1 GHz 1 2 3 4 5 Mini-Circuits
CBL-SERIESCoaxial-Flex Test Cables 50Ω DC to 18 GHz 1 2 3 Mini-Circuits
MNA-SERIESMonolithic Amplifiers High Directivity 50Ω 0.5 to 5.9 GHz 1 2 3 4 5 MoreMini-Circuits
DG03-166MONOLITHIC AMPLIFIERS 50Ω BROADBAND DC to 8 GHz 1 2 Mini-Circuits

リンク URL