データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MERA-556 データシート(PDF) 1 Page - Mini-Circuits

部品番号 MERA-556
部品情報  Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 2.2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MERA-556 データシート(HTML) 1 Page - Mini-Circuits

  MERA-556 Datasheet HTML 1Page - Mini-Circuits MERA-556 Datasheet HTML 2Page - Mini-Circuits MERA-556 Datasheet HTML 3Page - Mini-Circuits MERA-556 Datasheet HTML 4Page - Mini-Circuits MERA-556 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Outline Dimensions (
)
inch
mm
CASE STYLE: DL1020
PRICE: $ 3.40 ea. QTY (25)
A
B
C
D
E
F
GH
J
K
L
M
N
P
QR
S
wt.
— .193 .035 .236
— .050 .017 .008
— .024
— .050 .030 .270 .030 .110 .020 grams
— 4.90 0.90 6.00
— 1.27 0.43 0.20
— 0.60
— 1.27 0.76 6.86 0.76 2.79 0.51
.08
Features
• Two matched amplifiers in one package
• InGaP HBT IF and RF amplifier
• frequency range, DC to 2.2 GHz, usable to 4 GHz
• high gain, 20.5 dB typ. at 100 MHz
• up to +18 dBm typ. output power at 100 MHz
• high IP3, +35 dBm at 100 MHz
Applications
• cellular
• catv
• VHF & UHF communication
receivers & transmitters
• low noise figure, 3.5 dB typ.
• low thermal resistance
• transient protected
• patent pending
• useable as balanced and push pull amplifier
DC-2.2
20.5 20.2
19
16.7
13
16
18
17.6 16.6
16.5
13
3.5
35 35.5
34
1.2 1.4
120 650
65
4.9 4.2 5.5
133
0.1 0.3
0.1 —
0.6
1.5
Freq.HHHHH
(GHz)
DC
Operating
Power
Pin 5, Pin 8
Output
(1 dB Comp.) Typ.
Min.@
2GHz
Gain, dB Typical
A1, A2
over frequency, GHz
Maximum
Rating**
Thermal
Resistance
Current
(mA)
Volt
Typ Min Max
θjc,
typ.
°C/W
I
mA
P
mW
1
0.1
2
3
4
0.1
GHz
1.0
GHz
2.0
GHz
VSWR
(:1)
Typ.
Dynamic Range
NF
(dB)
Typ.
IP3
(dBm)
Typ.
Maximum Power
( dBm)
Input
(no
dmg.)
Out
In
0.1
GHz
0.5
GHz
1.0
GHz
f
L-fU
Min.@
1 GHz
DC-2.2 GHz
Typ. Max.
2.2-4 GHz
Typ. Max.
DC-2.2 GHz
Typ.
2.2-4 GHz
Typ.
Amplitude
Unbalance
between
2 amps
(dB)
Phase
Unbalance
between
2 amps
(deg.)
matching1
Electrical Specifications @25°C
H
H
H
H
H
Guaranteed specification DC-2.2GHz. Low frequency cutoff determined by external coupling capacitors.
** Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation. Reliability predictions and normal
operating conditions are applicable at current specified.
Dual Matched MMIC Amplifiers
1. For test method, see application note AN-60-032
Pin Connections
PORT
RF IN 1
1
RF OUT 1
8
RF IN 2
4
RF OUT 2
5
DC 1
8
DC 2
5
GROUND
2,3,6,7 and paddle
Outline Drawing
typical biasing configuration
Demo Board MCL P/N: TB-293
Suggested PCB Layout (PL-164)
RF IN1
RF IN1
RF OUT1
RF OUT1
& PADDLE
& PADDLE
2,3,6,7
2,3,6,7
8
RF IN2
RF IN2
4
RF OUT2
RF OUT2
5
1
Vcc
Vcc
Vd
Vd
Vd
Vd
Vcc
Vcc
RFC
RFC
(opt)
(opt)
(opt)
(opt)
RFC
RFC
Rbios
Rbios
Rbios
Rbios
A1
A2
Maximum Ratings2
Operating Case Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
2. See application note AN-60-032 for adequate heat sinking of paddle.
MTTF vs. Junction Temp.
1
10
100
1,000
10,000
100,000
1,000,000
80
100
120
140
160
180 200
Junction Temp. (˚C)
50
High Dynamic Range DC to 2.2 GHz
Surface Mount
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. OR
M94145
MERA-556
ED-11699/6
WZ/TD/CP
041103
NEW!
MERA-556


同様の部品番号 - MERA-556

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MERA-556 MINI-MERA-556_15 Datasheet
252Kb / 4P
   Dual Matched MMIC Amplifier
More results

同様の説明 - MERA-556

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MERA-7456 MINI-MERA-7456 Datasheet
213Kb / 5P
   Surface Mount Dual Matched MMIC Amplifiers 50??High Dynamic Range DC to 1 GHz
MERA-7433 MINI-MERA-7433 Datasheet
198Kb / 5P
   Surface Mount DualMatchedMMICAmplifiers 50??High Dynamic Range DC to 1 GHz
GALI-74 MINI-GALI-74 Datasheet
343Kb / 4P
   Surface Mount Monolithic Amplifier 50?? High dynamic range, DC to 1 GHz
logo
List of Unclassifed Man...
MERA-7456 ETC-MERA-7456 Datasheet
213Kb / 5P
   Dual Matched MMIC Amplifiers
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
WJ Communication. Inc.
MH103A WJCI-MH103A_06 Datasheet
194Kb / 4P
   High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
logo
List of Unclassifed Man...
MH102 ETC-MH102 Datasheet
162Kb / 4P
   High Dynamic Range MMIC Mixer
MH101 ETC-MH101 Datasheet
154Kb / 3P
   High Dynamic Range MMIC Mixer
logo
Mimix Broadband
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com