データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MNA-SERIES データシート(PDF) 1 Page - Mini-Circuits

部品番号 MNA-SERIES
部品情報  Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MNA-SERIES データシート(HTML) 1 Page - Mini-Circuits

  MNA-SERIES Datasheet HTML 1Page - Mini-Circuits MNA-SERIES Datasheet HTML 2Page - Mini-Circuits MNA-SERIES Datasheet HTML 3Page - Mini-Circuits MNA-SERIES Datasheet HTML 4Page - Mini-Circuits MNA-SERIES Datasheet HTML 5Page - Mini-Circuits MNA-SERIES Datasheet HTML 6Page - Mini-Circuits MNA-SERIES Datasheet HTML 7Page - Mini-Circuits MNA-SERIES Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
MNA-SERIES
REV. G
M92482
ED-9640A/2
MNA-SERIES
FL/TD/CP
041028
page 1 of 8
Monolithic Amplifiers
High Directivity, 50
Ω, 0.5 to 5.9 GHz
Electrical Specifications at TAMB=25°C
Surface Mount
CASE STYLE:DQ849
Features
• 3V & 5V operation
• micro-miniature size .120"x.120"
• no external biasing circuit required
• high directivity, 20 dB typ.
• wide bandwidth, 0.5 to 5.9 GHz
• low noise figure, 2.9 dB typ. (MNA-6)
• output power, up to +19 dBm typ.
• excellent repeatability
• low cost
Applications
• buffer amplifier
• cellular
• PCN
FREQ.
(GHz)
MODEL
NO.
f
L - fU
DC
OPERATING
CURRENT
@ Pin 3
(mA)
VSWR*
(:1)
Typ.
DYNAMIC
RANGE
MAXIMUM
POWER
(dBm)
Output
(1 dB Comp.)
Typ.
f
L
f
U
GAIN, dB Typical
DIRECTIVITY
(dB)
(Isolation-Gain)
THERMAL
RESIS-
TANCE
In
Out
θθθθθjc
Typ.
°C/W
Typ.
Typ.
Max.
DC
VOLTS
(V)
NF
(dB)
Typ.
Min.
at 2
GHz
IP3
(dBm)
Typ.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(30)
PRICE
$
1.0
0.5
over frequency, GHz
1.5
2.0
2.5
2.0
1.5
over frequency, GHz
3.5
5.0
5.9
at 1
GHz
at 2
GHz
at 1
GHz
at 2
GHz
at5.9
GHz
at 2
GHz
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
DC Voltage
7V at pin 7
10V at pins 2&5
Power
500mW
Input Power (no damage)
10 dBm
Refer to pin configuration for DC
Pin Configuration
PORT
(nt)
RF IN
2
RF OUT
5
DC
7, with 1000 pF bypass to ground; connect pin 8
via 33 ohms to pin 7 externally
GNDEXT.
3,4 and paddle in center of bottom
OPTIONAL
1,6 No internal connection;
recommended use: per PCB Layout (see next sheet)
DEMO BOARD
TB-186
MNA-2
0.5-2.5
5.0
10.6
12.8 12.8
12.3
11.9
10.3
17.7 14.9
5.4 26.5 28.0 1.5 1.6
20
76
95
78
DQ849 nt
1.90
2.8
9.6
11.5 11.2
10.7
10.2
12.9 12.4
5.4 23.2 24.2 1.5 1.6
20
60
MNA-3
0.5-2.5
5.0
14.6
16.2 16.1
15.0
11.8
13.0
11.4
9.5
4.9 19.6 21.3 1.9 1.5
17
30
40
78
DQ849 nt
1.60
2.8
14.2
15.2 15.0
14.0
11.0
9.7
8.0
4.8 18.0 19.9 1.9 1.5
17
28
MNA-4
0.5-2.5
5.0
15.6
16.6 16.4
15.8
13.3
14.0
19.0 17.0
4.8 28.4 29.0 1.5 1.7
20
75
90
78
DQ849 nt
1.90
2.8
14.3
14.6 14.5
14.1
11.7
13.4 13.7
4.8 23.9 24.9 1.5 1.7
20
67
MNA-5
0.5-2.5
5.0
18.5
22.8 21.9
20.6
18.0
17.0
12.2
8.0
3.5 19.4 21.0 1.6 1.9
17
28
40
78
DQ849 nt
1.60
2.8
18.0
21.4 20.5
19.4
17.4
10.1
6.5
3.5 18.0 20.0 1.6 1.9
17
26
MNA-6
0.5-2.5
5.0
19.4
23.5
23.6
23.0
20.2
21.5
18.0
15.8
2.9
27.1
28.0 1.5
1.6
17
81
95
78
DQ849 nt
2.25
2.8
18.6
21.5
21.2
21.0
19.0
14.1
13.2
2.9
23.4
25.0 1.5
1.9
17
65
MNA-7
1.5-5.9
5.0
15.9
17.2 17.4
17.2
10.8
15.0
15.6 15.9
6.9 28.4 28.6 2.0 1.5
20
73
96
78
DQ849 nt
2.25
2.8
13.7
15.4 15.8
16.7
9.8
12.7 13.1
6.9 24.1 23.8 2.0 1.5
24
65
MTTF vs. Junction Temp. (MNA)
100
1,000
10,000
100,000
1,000,000
10,000,000
60
70
80
90
100
110
120
130
140
150
Junction Temperature (˚C)
K1-MNA
40
10 of each: MNA-2, -3, -5, -6
69.95
K2-MNA
60
10 of each: MNA-2, -3, -4, -5, -6, -7
99.95
KIT
No.
No. of
Units in KIT
Description
designers kit available
Price $
per KIT
* VSWR above .75 GHz


同様の部品番号 - MNA-SERIES

メーカー部品番号データシート部品情報
logo
Mini-Circuits
MNA-2A MINI-MNA-2A Datasheet
276Kb / 5P
   Monolithic Amplifier
MNA-2A-D MINI-MNA-2A-D Datasheet
262Kb / 7P
   Monolithic Amplifier Die
MNA-2A-D++ MINI-MNA-2A-D+ Datasheet
262Kb / 7P
   Monolithic Amplifier Die
MNA-2A-DF++ MINI-MNA-2A-DF+ Datasheet
262Kb / 7P
   Monolithic Amplifier Die
MNA-2A-DG++ MINI-MNA-2A-DG+ Datasheet
262Kb / 7P
   Monolithic Amplifier Die
More results

同様の説明 - MNA-SERIES

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZX60-M-SERIES MINI-ZX60-M-SERIES Datasheet
146Kb / 2P
   High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
VNA-23 MINI-VNA-23 Datasheet
134Kb / 1P
   High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
   5.2 to 5.9 GHz
logo
Mini-Circuits
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
WOLFSPEED, INC.
CMPA5259050F WOLFSPEED-CMPA5259050F Datasheet
856Kb / 11P
   50 W, 4.9 – 5.9 GHz, 28 V, GaN MMIC for Radar Power Amplifiers
Rev. 2.2, November 2020
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com