データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


UNMP-5075 データシート(Datasheet) 1 Page - Mini-Circuits

部品番号. UNMP-5075
部品情報  Coaxial Matching Pad TYPE-N 50/75Ω DC to 3000 MHz
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
BD
E
wt
.68
2.11
.718 grams
17.27
53.59
18.24
72.5
Frequency
(MHz)
Attenuation
(dB)
VSWR (:1)
50
75
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-45°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Drawing
UNMP-5075
INSERTION LOSS
5.0
5.4
5.8
6.2
6.6
7.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
-40°C
+25°C
+100°C
Outline Dimensions (
)
inch
mm
UNMP-5075
Electrical Schematic
50/75
DC to 3000 MHz
Matching Pad N-TYPE
REV. OR
M90870
ED-11538
UNMP-5075
WP/TD/CP/AM
070302
Coaxial
CASE STYLE: FF779
Connectors Model
Price
Qty.
75
ΩM-N
UNMP-5075
$29.95 ea. (1-9)
50
ΩF-N
UNMP-5075
VSWR (50-OHM PORT)
1.0
1.1
1.2
1.3
1.4
1.5
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
-40°C
+25°C
+100°C
* Attenuation varies by 0.3 dB max. over temperature
** Flatness= variation over band divided by 2
Features
• minimum loss pad
• wideband coverage, DC to 3000 MHz
• 0.5 watt rating
• rugged unibody construction
• off-the-shelf availability
• very low cost
Applications
• impedance matching
FREQ.
(MHz)
ATTENUATION *
(dB)
Flatness** Max.
VSWR
(:1)
Max.
POWER
(W)
f
L--fU
Nom.
DC-100
MHz
100-1000
MHz
1000-3000
MHz
DC-100
MHz
100-1000
MHz
1000-3000
MHz
DC-3000
5.7
±0.15
0.2
0.3
0.4
1.10
1.30
1.5
0.5
1.00
5.80
1.00
1.00
5.00
5.80
1.00
1.00
10.00
5.80
1.00
1.00
50.00
5.84
1.00
1.01
100.00
5.86
1.00
1.01
300.00
5.88
1.01
1.03
500.00
5.88
1.02
1.05
800.00
5.88
1.04
1.07
1000.00
5.87
1.04
1.09
1200.00
5.81
1.05
1.11
1500.00
5.82
1.14
1.14
1800.00
5.79
1.17
1.17
2000.00
5.79
1.14
1.20
2600.00
5.64
1.36
1.30
3000.00
5.81
1.24
1.40




Html ページ

1 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
VLF-3000Coaxial Low Pass Filter DC to 3000 MHz 1 Mini-Circuits
SW-215Matched GaAs SPST Switch 5 - 3000 MHZ 1 2 Tyco Electronics
PE4261SP4T UltraCMOS™ 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.
MABA-007159-000000RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
VLF-1800Coaxial Low Pass Filter DC to 1800 MHz 1 Mini-Circuits
PE4263SP6T UltraCMOS™ 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.
MABACT00101:1 Transmission line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
VLF-2250Coaxial Low Pass Filter DC to 2250 MHz 1 Mini-Circuits
HFTC-26Ceramic High Pass Filter 3000 to 7000 MHz 1 Mini-Circuits
PE4268SP6T UltraCMOS™ 2.6 V Switch 100 - 3000 MHz 1 2 3 4 5 MorePeregrine Semiconductor Corp.

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl