データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82V70 データシート(PDF) 17 Page - Holtek Semiconductor Inc

部品番号 HT82V70
部品情報  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 データシート(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Rev. 1.00
17
January 12, 2017
HT82V70
Register Description
Page 0 Register – System Setup
• Address P0_01h: Software Reset Register
Bit
Mode
Description
Default
7-2
Reserved
1
R/W
ISP Engine Software reset (Self clear)
1: Reset
0
0
R/W
TG Controller Software reset (Self clear)
1: Reset
0
• Address P0_02h: Mode Setting Register
Bit
Mode
Description
Default
7-5
Reserved
4
R/W
Register Mode Setting Enable
0: Disable
1: Enable
0
3-0
R/W
Register Mode Selection
4’h0: Normal mode
4’h1: Reserved
4’h2: DFT Test Mode
4’h3: Tie-High Test Mode
4’h4: Tie-Low Test Mode
4’h5: Nand-tree Test Mode
4’h6: Pull-Up-Down Test Mode
4’h7: Iptest Test Mode
4’h8: Debug1 Mode
4’h9: Debug2 Mode
4’ha: Debug3 Mode
0h
• Address P0_03h: Pixel Clock Configuration Register 0
Bit
Mode
Description
Default
7
Pixel Clock Enable
0: Disable
1: Enable
6-5
R/W
Input Clock selection, used with b7
00: OSC – 12Mhz
01: OSC – 12Mhz
10: PLL1 (96Mhz)
11: PLL2 (144Mhz)
0h
4
R/W
Clock Division Enable
0: Not Divided
1: Divided
0
3-0
Reserved
• Address P0_04h: Pixel Clock Configuration Register 1
Bit
Mode
Description
Default
7-6
Reserved
5-0
R/W
Clock Division Factor (DIV_FACT) [5:0]
Output clock = input_clock/ (DIV_FACT+2)
00h
Note:setP0_04firstandthensetP0_03hlatter.


同様の部品番号 - HT82V70

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
   240mA Audio Power Amp
More results

同様の説明 - HT82V70

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN86157 PANASONIC-MN86157 Datasheet
51Kb / 8P
   Shading Correction LSI
logo
Epson Company
S7R77021 EPSON-S7R77021 Datasheet
85Kb / 2P
   CCD/CIS Signal Processor with Timing Generator
logo
Sony Corporation
CXD3504R SONY-CXD3504R Datasheet
279Kb / 12P
   Color Shading Correction IC for Liquid Crystal Projectors
CXD3503R SONY-CXD3503R Datasheet
175Kb / 19P
   Color Shading Correction IC for Liquid Crystal Projectors
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
Maxim Integrated Produc...
MAX31760EVKIT MAXIM-MAX31760EVKIT Datasheet
1Mb / 15P
   Controls and Monitors Up to Two Fans
19-7389; Rev 0; 4/14
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Sony Corporation
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com