データシートサーチシステム |
|
HT82V70 データシート(PDF) 24 Page - Holtek Semiconductor Inc |
|
HT82V70 データシート(HTML) 24 Page - Holtek Semiconductor Inc |
24 / 71 page Rev. 1.00 24 January 12, 2017 HT82V70 • Address P0_1Ah: Wheel Comparator Control Register Bit Mode Description Default 7 — Reserved — 6 R/W comparator operation ON/ OFF control 0: Comparator power down 1: Comparator normal operation 1 5 R/W Comparator hysteresis ON / OFF control 0: Hysteresis is OFF 1: Hysteresis is ON 1 4-0 R/W Comparator voltage register 5’d0: 0V 5’d1: VREF = (3.3/32)×1V 5’d2: VREF = (3.3/32)×2V 5’d3: VREF = (3.3/32)×3V . . . 5’d31: VREF = (3.3/32)×31V 5’h0f • Address P0_1Bh: Pin and Pwr-On-Strapped Status Register Bit Mode Description Default 7-5 RO Pwr-On-Strapped Status Selection 3’h0: Normal Mode 3’h1: DFT 3’h2: Tie-High 3’h3: Tie-Low 3’h4: Nand-tree 3’h5: Pull-Up-Down 3’h6: Iptest 3’h7: Reserved — 4 RO Pwr-On-Strapped Status Enable — 3-1 RO Pin Mode Status Selection 3’h0: Reserved 3’h1: DFT 3’h2: Tie-High 3’h3: Tie-low 3’h4: Nand-tree 3’h5: Pull-Up-Down 3’h6: Iptest Others: Reserved — 0 RO Pin Mode Status Enable — • Address P0_1Ch: Debug Control Register 0 Bit Mode Description Default 7-5 — Reserved — 4 R/W TG debug bus selection[4] 0 3 R/W Function pattern enable 0 2 R/W Data path debug enable 0 1 R/W DSP debug enable 0 0 R/W TG debug enable 0 • Address P0_1Dh: Debug Control Register 1 Bit Mode Description Default 7-4 R/W DSP debug bus selection[3:0] 0h 3-0 R/W TG debug bus selection[3:0] 0h |
同様の部品番号 - HT82V70 |
|
同様の説明 - HT82V70 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |