データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82V70 データシート(PDF) 29 Page - Holtek Semiconductor Inc

部品番号 HT82V70
部品情報  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 データシート(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 25Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 26Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 27Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Rev. 1.00
29
January 12, 2017
HT82V70
• Address P2_0Ch: TG CIS_CLK/SH On Guardband Register
Bit
Mode
Description
Default
7-0
R/W
CIS_CLK on guardband. Number of pixel periods from end of the SH
pulse to start of CIS_CLK.
00h
• Address P2_0Dh: TG CIS_CLK/SH Off Guardband Register
Bit
Mode
Description
Default
7-0
R/W
CIS_CLK off guardband. Number of pixel periods before start of the
SH pulse that CIS_CLK stops.
00h
• Address P2_0Eh: TG Wheel Step MSB Register
Bit
Mode
Description
Default
7-3
Reserved
2-0
R/W
TG wheel Step Most Significant 3 Bits
Wheel Step is from 1.0~8.0 mm/step and wheel step should multiply
128 to set the whole register
Ex: @100DPI,
1 mm/step = 4 lines/step
2 mm/step = 8 lines/step
0h
• Address P2_0Fh: TG Wheel Step LSB Register
Bit
Mode
Description
Default
7-0
R/W
TG wheel Step Least Significant Byte
Wheel Step is from 1.0~8.0 mm/step and wheel step should multiply
128 to set the whole register
80h
• Address P2_10h: TG Wheel Control Register
Bit
Mode
Description
Default
7
R/W
TG Wheel input selection
0: Internal wheel after shaping signal from pad "PADROLLER_IN"
1: From pad "PADROLLER_IN"
0
6
R/W
TG Wheel signal inversion enable
0: Inversion disable
1: Inversion enable
0
5-4
R/W
TG Wheel Fast Ignoring Line Enable
00: No dropping Lines when next wheel in
01: Dropping some Lines when next wheel in
1x: Dropping all Lines when next wheel in
Note: Choosing "00" may obtain more smooth pictures
0h
3
R/W
TG Wheel Activation Selection
0: After Current Line End
1: After Lights End and AFE sampling End
Note: Choosing "1" will prevent dropping lines well
0
2-1
R/W
TG Wheel Filtering Selection
00: 3-tap filtering
01: 5-tap filtering
10: 8-tap filtering
11: 12-tap filtering
0h
0
R/W
TG Wheel Filtering Enable
0: Disable
1: Enable
1


同様の部品番号 - HT82V70

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
   240mA Audio Power Amp
More results

同様の説明 - HT82V70

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN86157 PANASONIC-MN86157 Datasheet
51Kb / 8P
   Shading Correction LSI
logo
Epson Company
S7R77021 EPSON-S7R77021 Datasheet
85Kb / 2P
   CCD/CIS Signal Processor with Timing Generator
logo
Sony Corporation
CXD3504R SONY-CXD3504R Datasheet
279Kb / 12P
   Color Shading Correction IC for Liquid Crystal Projectors
CXD3503R SONY-CXD3503R Datasheet
175Kb / 19P
   Color Shading Correction IC for Liquid Crystal Projectors
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
Maxim Integrated Produc...
MAX31760EVKIT MAXIM-MAX31760EVKIT Datasheet
1Mb / 15P
   Controls and Monitors Up to Two Fans
19-7389; Rev 0; 4/14
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Sony Corporation
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com