データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT82V70 データシート(PDF) 33 Page - Holtek Semiconductor Inc

部品番号 HT82V70
部品情報  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 データシート(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Rev. 1.00
33
January 12, 2017
HT82V70
Bit
Mode
Description
Default
2-0
R/W
CIS to ASIC Data Mapping Selection
000: 1-2-3-4
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS (123)
CIS (456)
CIS2 (123)
CIS2 (456)
001: 1-3-2-4
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS (123)
CIS2 (123)
CIS (456)
CIS2 (456)
010: 1-4-3-2
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS (123)
CIS2 (456)
CIS2 (123)
CIS (456)
011: 3-2-1-4
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS2 (123) CIS (456)
CIS (123)
CIS2 (456)
100: 4-2-3-1
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS2 (456) CIS (456)
CIS2 (123)
CIS (123)
101: 3-4-1-2
ASIC AFE_DIN[7:0] AFE_DIN[15:8] AFE2_DIN[7:0] AFE2_DIN[15:8]
↔ CIS2 (123) CIS2 (456)
CIS (123)
CIS (456)
Others:Reserved
000
• Address P2_1Bh: AFE Data Output To ASIC Data Input Order Register
Bit
Mode
Description
Default
7
R/W
ASIC AFE2_DIN[15:8] Bit Reverse
0: Normal
1: Reverse
0
6
R/W
ASIC AFE2_DIN[7:0] Bit Reverse
0: Normal
1: Reverse
0
5
R/W
ASIC AFE_DIN[15:8] Bit Reverse
0: Normal
1: Reverse
0
4
R/W
ASIC AFE_DIN[7:0] Bit Reverse
0: Normal
1: Reverse
Note: When bit reverse AFE_DIN[7:0] → AFE_DIN[0:7]
0
3-2
Reserved
1
R/W
ASIC AFE2_DIN Byte Exchange
0: Normal
1: Exchange
Note: When byte exchange AFE2_DIN[15:0] → {AFE2_DIN[7:0],
AFE2_DIN[15:8]}.
0
0
R/W
ASIC AFE_DIN Byte Exchange
0: Normal
1: Exchange
Note: When byte exchange AFE_DIN[15:0] → {AFE_DIN[7:0],
AFE_DIN[15:8]}.
0
• Address P2_1Ch: CIS Bypass Selection Register
Bit
Mode
Description
Default
7-3
Reserved
2
R/W
Bypass Channel Number Selection
0: 1,2,3 channel
1: 4,5,6 channel
0
1
R/W
Bypass Original 16-bit CIS Data Selection
0: CIS1
1: CIS2
Note: When bit 0 is enabled, P7_00 should be 8’h00, P9_00 should
be 8’h00, P9_01 should be 8’h00, P9_02 should be 8’h00.
0


同様の部品番号 - HT82V70

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
   240mA Audio Power Amp
More results

同様の説明 - HT82V70

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN86157 PANASONIC-MN86157 Datasheet
51Kb / 8P
   Shading Correction LSI
logo
Epson Company
S7R77021 EPSON-S7R77021 Datasheet
85Kb / 2P
   CCD/CIS Signal Processor with Timing Generator
logo
Sony Corporation
CXD3504R SONY-CXD3504R Datasheet
279Kb / 12P
   Color Shading Correction IC for Liquid Crystal Projectors
CXD3503R SONY-CXD3503R Datasheet
175Kb / 19P
   Color Shading Correction IC for Liquid Crystal Projectors
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
Maxim Integrated Produc...
MAX31760EVKIT MAXIM-MAX31760EVKIT Datasheet
1Mb / 15P
   Controls and Monitors Up to Two Fans
19-7389; Rev 0; 4/14
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Sony Corporation
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com