データシートサーチシステム |
|
TA2132BF データシート(PDF) 6 Page - Toshiba Semiconductor |
|
TA2132BF データシート(HTML) 6 Page - Toshiba Semiconductor |
6 / 13 page TA2132BP/BF 2002-07-23 6 Maximum Ratings (Ta ==== 25°C) Characteristics Symbol Rating Unit Supply voltage VCC 8 V TA2132BP 750 Power dissipation TA2132BF PD (Note 1) 350 mW Operating temperature Topr -25~75 °C Storage temperature Tstg -55~150 °C Note 1: Deleted above Ta = 25°C in the proportion of 6 mW/°C for TA2132BP and of 2.8 mW/°C for TA2132BF. Electrical Characteristics (Unless otherwise specified, Ta ==== 25°C, VCC ==== 3 V, F/E : f ==== 98 MHz, fm ==== 1 kHz FM IF : f ==== 10.7 MHz, DDDDf ==== ±±±±75 kHz, fm ==== 1 kHz AM : f ==== 1 MHz, MOD ==== 30%, fm ==== 1 kHz) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit ICC (FM) 1 FM mode, Vin = 0 ¾ 7.3 11.0 Supply current ICC (AM) 1 AM mode, Vin = 0 ¾ 3.6 7.0 mA Input limiting voltage Vin (lim) 1 -3dB limiting point ¾ 10 ¾ dB mV EMF Quiescent sensitivity QS 1 S/N = 40dB ¾ 15 ¾ dB mV EMF F/E Local OSC voltage VOSC 2 fOSC = 108 MHz ¾ 130 ¾ mVrms Input limiting voltage Vin (lim) IF 1 -3dB limiting point 38 43 48 dB mV EMF Recovered output voltage VOD 1 Vin = 80dBmV EMF 180 240 300 mVrms Signal to noise ratio S/N 1 Vin = 80dBmV EMF ¾ 72 ¾ dB Total harmonic distortion THD 1 Vin = 80dBmV EMF ¾ 0.5 ¾ % FM IF AM rejection ratio AMR 1 Vin = 80dBmV EMF ¾ 60 ¾ dB Voltage gain GV 1 Vin = 28dBmV EMF 20 38 75 mVrms Recovered output voltage VOD 1 Vin = 60dBmV EMF 55 80 110 mVrms Signal to noise ratio S/N 1 Vin = 60dBmV EMF ¾ 41 ¾ dB AM Total harmonic distortion THD 1 Vin = 60dBmV EMF ¾ 1.0 ¾ % |
同様の部品番号 - TA2132BF |
|
同様の説明 - TA2132BF |