データシートサーチシステム |
|
3-1437610-6 データシート(PDF) 2 Page - Tyco Electronics |
|
3-1437610-6 データシート(HTML) 2 Page - Tyco Electronics |
2 / 5 page Series 6000 Selector Switches or Joysticks, 30mm I I12 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 2-POSITION SELECTOR MAINTAINED Metal Bushing Contact blocks not supplied, order separately. (See page I8.) Legend plant included. Model Action Lever Position Number M6402(*) Maintained Long 0 1 (*) Specify color by adding suffix number: (0) Black, (2) Red. 1.34 (34.0) 3.50 (89.0) 1 3 2 V40 V40 V50 V50 4 25 ° 25 ° 1.06 (27.0) 1 2 3 4 3 4 21 V40 V50 V40 V50 5-POSITION JOYSTICK (4 Active & Center-Off) Metal Bushing Maintained or momentary model with or without mechanical latch. Inherent design requires use of N.O. and N.C. Contact blocks not supplied, order separately. (See page I8.) Supplied with legend plate (1-2-3-4), black knob. CONTACT ARRANGEMENT Contact blocks should be placed as shown. All contacts are held open in neutral position. Each number contact closed when activated. Model M65310 has only two active positions, requires one N.O. and one N.C. contact block. Note: All positions are mutually exclusive and action must pass through neutral for all changes of operator level. Tyco Electronics Alcoswitch Action 3-1437610-5 M65310 Momentary, No Latch (On) Off (On) — M65500 Maintained, No Latch On On Off On On 3-1437610-6 M65510 Momentary, No Latch (On) (On) Off (On) (On) 3-1437610-7 M65810 Momentary w/Latch (On) (On) Off (On) (On) (On) indicates momentary position. 1.51 (38.4) 1.85 (47.0) 1.34 (34.0) 0.91 (23.0) 1.38 (35.0) 1.06 (27.0) N.C. N.O. N.C. N.O. 0 01 1 POSITION CAM MOVEMENT (CAM TYPE 1) 120 ° 120 ° THROW BETWEEN POSITIONS Metal Bushing 1.51 (38.4) 1.85 (47.0) 1.34 (34.0) 0.91 (23.0) 1.38 (35.0) 1.06 (27.0) N.C. N.O. 01 POSITION CAM MOVEMENT (CAM TYPE 2) 60 ° 60 ° 60 ° THROW BETWEEN POSITIONS 3-POSITION SELECTOR MAINTAINED OR MOMENTARY Metal Bushing Contact blocks not supplied, order separately. (See page I8.) Legend plate included. Model Action Lever Cam Position Number M6410(*) Maintained Long 2 2 0 1 M6412(*) Maintained Long 3 2 0 1 M6470(*) Mom. 1 Side Long 2 2 0 1 M6480(*) Mom. 2 Sides Long 2 2 0 1 Indicates momentary return position (*) Specify color by adding suffix number: (0) Black, (2) Red. M6402(*) M6412(*) M65510 |
同様の部品番号 - 3-1437610-6 |
|
同様の説明 - 3-1437610-6 |