データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX110 データシート(PDF) 57 Page - Renesas Technology Corp

部品番号 RX110
部品情報  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 データシート(HTML) 57 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 53Page - Renesas Technology Corp RX110_16 Datasheet HTML 54Page - Renesas Technology Corp RX110_16 Datasheet HTML 55Page - Renesas Technology Corp RX110_16 Datasheet HTML 56Page - Renesas Technology Corp RX110_16 Datasheet HTML 57Page - Renesas Technology Corp RX110_16 Datasheet HTML 58Page - Renesas Technology Corp RX110_16 Datasheet HTML 59Page - Renesas Technology Corp RX110_16 Datasheet HTML 60Page - Renesas Technology Corp RX110_16 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 57 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
5.2.1
Standard I/O Pin Output Characteristics (1)
Figure 5.7 to Figure 5.10 show the characteristics of general ports (except for the RIIC output pin, ports P40 to P44,
P46, ports PJ6, PJ7).
Figure 5.7
VOH/VOL and IOH/IOL Voltage Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at Ta = 25°C (Reference Data)
Figure 5.8
VOH/VOL and IOH/IOL Temperature Characteristics of General Ports (Except for the RIIC
Output Pin, Ports P40 to P44, P46, Ports PJ6, PJ7) at VCC = 1.8 V (Reference Data)
–30
–20
–10
0
10
20
30
40
0
0.5
11.5
22.5
33.5
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
–6
–4
–2
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOH/VOL [V]
IOH/IOL vs VOH/VOL
Ta = 40°C
Ta = 40°C
Ta = 25°C
Ta = 25°C
Ta = 105°C
Ta = 105°C


同様の部品番号 - RX110_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

同様の説明 - RX110_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com