データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX113 データシート(PDF) 54 Page - Renesas Technology Corp

部品番号 RX113
部品情報  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 データシート(HTML) 54 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 50Page - Renesas Technology Corp RX113_16 Datasheet HTML 51Page - Renesas Technology Corp RX113_16 Datasheet HTML 52Page - Renesas Technology Corp RX113_16 Datasheet HTML 53Page - Renesas Technology Corp RX113_16 Datasheet HTML 54Page - Renesas Technology Corp RX113_16 Datasheet HTML 55Page - Renesas Technology Corp RX113_16 Datasheet HTML 56Page - Renesas Technology Corp RX113_16 Datasheet HTML 57Page - Renesas Technology Corp RX113_16 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 54 of 131
Mar 31, 2016
RX113 Group
5. Electrical Characteristics
Note 1. AVCC0 and VCC can be set individually within the operating range, but there are the following restrictions for the voltage
applied to the PJ0 and PJ2 pins, VCC, and AVCC0.
When 12-bit D/A converter used: Voltage applied to port J0 and J2 pins (D/A output voltage)
≤ VCC
When general ports selected: VCC
≤ AVCC0
Note 2. For details, refer to section 36.8.11, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 3. Sequence of Powering on AVCC0 and VCC
When powering on AVCC0 and VCC, power them on at the same time or VCC first.
Table 5.2
Recommended Operating Conditions
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1, *3
When USB not used
1.8
3.6
V
When USB used
3.0
3.6
VSS
0
USB power supply voltages
VCC_USB
VCC
V
VSS_USB
0
Analog power supply voltages
AVCC0*1 to *3
1.8
3.6
V
AVSS0
0
VREFH0
1.8
AVCC0
VREFL0
0
VREFH
1.8
AVCC0
VREFL
0


同様の部品番号 - RX113_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

同様の説明 - RX113_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com