データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX113 データシート(PDF) 82 Page - Renesas Technology Corp

部品番号 RX113
部品情報  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 データシート(HTML) 82 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 78Page - Renesas Technology Corp RX113_16 Datasheet HTML 79Page - Renesas Technology Corp RX113_16 Datasheet HTML 80Page - Renesas Technology Corp RX113_16 Datasheet HTML 81Page - Renesas Technology Corp RX113_16 Datasheet HTML 82Page - Renesas Technology Corp RX113_16 Datasheet HTML 83Page - Renesas Technology Corp RX113_16 Datasheet HTML 84Page - Renesas Technology Corp RX113_16 Datasheet HTML 85Page - Renesas Technology Corp RX113_16 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 82 of 131
Mar 31, 2016
RX113 Group
5. Electrical Characteristics
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Note 1. Oscillators continue oscillating in deep sleep mode.
Note 2. When the frequency of the system clock is 32 MHz.
Note 3. When the frequency of the system clock is 12 MHz.
Note 4. When the frequency of the system clock is 32.768 kHz.
Figure 5.30
Deep Sleep Mode Recovery Timing
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Table 5.27
Timing of Recovery from Low Power Consumption Modes (4)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Recovery time from deep
sleep mode*1
High-speed mode*2
tDSLP
—2
3.5
μs
Middle-speed mode*3
tDSLP
—3
4
μs
Low-speed mode*4
tDSLP
400
500
μs
Table 5.28
Timing of Recovery from Low Power Consumption Modes (5)
Operating Mode Transition Time
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Mode before Transition
Mode after Transition
ICLK Frequency
Transition Time
Unit
Min.
Typ.
Max.
High-speed operating mode
Middle-speed operating mode
8 MHz
10
μs
Middle-speed operating mode
High-speed operating mode
8 MHz
37.5
μs
Low-speed operating mode
Middle-speed operating mode,
high-speed operating mode
32.768 kHz
213.62
μs
Middle-speed operating mode,
high-speed operating mode
Low-speed operating mode
32.768 kHz
183.11
μs
Oscillator
ICLK
IRQ
Deep sleep mode
tDSLP


同様の部品番号 - RX113_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

同様の説明 - RX113_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com