データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX230 データシート(PDF) 21 Page - Renesas Technology Corp

部品番号 RX230
部品情報  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX230 データシート(HTML) 21 Page - Renesas Technology Corp

Back Button RX230 Datasheet HTML 17Page - Renesas Technology Corp RX230 Datasheet HTML 18Page - Renesas Technology Corp RX230 Datasheet HTML 19Page - Renesas Technology Corp RX230 Datasheet HTML 20Page - Renesas Technology Corp RX230 Datasheet HTML 21Page - Renesas Technology Corp RX230 Datasheet HTML 22Page - Renesas Technology Corp RX230 Datasheet HTML 23Page - Renesas Technology Corp RX230 Datasheet HTML 24Page - Renesas Technology Corp RX230 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 21 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Figure 1.7
Pin Assignments of the 64-Pin LQFP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
54
55
51
49
50
52
53
56
57
58
59
60
61
63
64
62
RX230 Group,
RX231 Group
PLQP0064KB-C
(64-pin LQFP)
(Top view)
PE2
PE1
PE0
VREFL
P46
VREFH
P44
P43
P42
P41
VREFL0
P40
VREFH0
AVCC0
P05
AVSS0
PC2
PC3
PC4
PC5
PC6
PC7
P54
P55
VSS_USB/PH0
*1
USB0_DP/PH1
*1
USB0_DM/PH2
*1
VCC_USB/PH3
*1
P14
P15
P16
P17
Note:
This figure indicates the power supply pins and I/O port pins.
For the pin configuration, see the table “List of Pins and Pin Functions (64-Pin LQFP/HWQFN)”.
Note 1. RX230: PH0, PH1, PH2, PH3
RX231: VSS_USB, USB0_DP, USB0_DM, VCC_USB


同様の部品番号 - RX230

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results

同様の説明 - RX230

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com