データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX634 データシート(PDF) 38 Page - Renesas Technology Corp

部品番号 RX634
部品情報  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 データシート(HTML) 38 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 34Page - Renesas Technology Corp RX634 Datasheet HTML 35Page - Renesas Technology Corp RX634 Datasheet HTML 36Page - Renesas Technology Corp RX634 Datasheet HTML 37Page - Renesas Technology Corp RX634 Datasheet HTML 38Page - Renesas Technology Corp RX634 Datasheet HTML 39Page - Renesas Technology Corp RX634 Datasheet HTML 40Page - Renesas Technology Corp RX634 Datasheet HTML 41Page - Renesas Technology Corp RX634 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 38 of 106
Feb 25, 2015
RX634 Group
4. I/O Registers
0008 750Eh
CEC
CEC Interrupt Control Register 2
CECINTCR2
8
8
2 ICLK
CEC
Not available
in 5-V
packages.
0008 750Fh
CEC
CEC Interrupt Control Register 3
CECINTCR3
8
8
2 ICLK
Not available
in 5-V
packages.
0008 7510h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
8
8
2 ICLK
ICUb
0008 7511h
ICU
IRQ Pin Digital Filter Enable Register 1
IRQFLTE1
8
8
2 ICLK
0008 7514h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
0008 7516h
ICU
IRQ Pin Digital Filter Setting Register 1
IRQFLTC1
16
16
2 ICLK
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
8
8
2 ICLK
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
8
8
2 ICLK
0008 7582h
ICU
Non-Maskable Interrupt Status Clear
Register
NMICLR
8
8
2 ICLK
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
8
8
2 ICLK
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
8
8
2 ICLK
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
8
8
2 ICLK
0008 8000h
CMT
Compare Match Timer Start Register 0
CMSTR0
16
16
2 to 3PCLKB
2 ICLK
CMT
0008 8002h
CMT0
Compare Match Timer Control Register
CMCR
16
16
2 to 3PCLKB
2 ICLK
0008 8004h
CMT0
Compare Match Counter
CMCNT
16
16
2 to 3PCLKB
2 ICLK
0008 8006h
CMT0
Compare Match Constant Register
CMCOR
16
16
2 to 3PCLKB
2 ICLK
0008 8008h
CMT1
Compare Match Timer Control Register
CMCR
16
16
2 to 3PCLKB
2 ICLK
0008 800Ah
CMT1
Compare Match Counter
CMCNT
16
16
2 to 3PCLKB
2 ICLK
0008 800Ch
CMT1
Compare Match Constant Register
CMCOR
16
16
2 to 3PCLKB
2 ICLK
0008 8010h
CMT
Compare Match Timer Start Register 1
CMSTR1
16
16
2 to 3PCLKB
2 ICLK
0008 8012h
CMT2
Compare Match Timer Control Register
CMCR
16
16
2 to 3PCLKB
2 ICLK
0008 8014h
CMT2
Compare Match Counter
CMCNT
16
16
2 to 3PCLKB
2 ICLK
0008 8016h
CMT2
Compare Match Constant Register
CMCOR
16
16
2 to 3PCLKB
2 ICLK
0008 8018h
CMT3
Compare Match Timer Control Register
CMCR
16
16
2 to 3PCLKB
2 ICLK
0008 801Ah
CMT3
Compare Match Counter
CMCNT
16
16
2 to 3PCLKB
2 ICLK
0008 801Ch
CMT3
Compare Match Constant Register
CMCOR
16
16
2 to 3PCLKB
2 ICLK
0008 8020h
WDT
WDT Refresh Register
WDTRR
8
8
2 to 3PCLKB
2 ICLK
WDTA
0008 8022h
WDT
WDT Control Register
WDTCR
16
16
2 to 3PCLKB
2 ICLK
0008 8024h
WDT
WDT Status Register
WDTSR
16
16
2 to 3PCLKB
2 ICLK
0008 8026h
WDT
WDT Reset Control Register
WDTRCR
8
8
2 to 3PCLKB
2 ICLK
0008 8030h
IWDT
IWDT Refresh Register
IWDTRR
8
8
2 to 3PCLKB
2 ICLK
IWDTa
0008 8032h
IWDT
IWDT Control Register
IWDTCR
16
16
2 to 3PCLKB
2 ICLK
0008 8034h
IWDT
IWDT Status Register
IWDTSR
16
16
2 to 3PCLKB
2 ICLK
0008 8036h
IWDT
IWDT Reset Control Register
IWDTRCR
8
8
2 to 3PCLKB
2 ICLK
0008 8038h
IWDT
IWDT Count Stop Control Register
IWDTCSTPR
8
8
2 to 3PCLKB
2 ICLK
0008 80C0h
DA
D/A Data Register 0
DADR0
16
16
2 to 3PCLKB
2 ICLK
DAa
0008 80C2h
DA
D/A Data Register 1
DADR1
16
16
2 to 3PCLKB
2 ICLK
0008 80C4h
DA
D/A Control Register
DACR
8
8
2 to 3PCLKB
2 ICLK
0008 80C5h
DA
DADRm Format Select Register
DADPR
8
8
2 to 3PCLKB
2 ICLK
0008 8100h
TPU
Timer Start Register
TSTR
8
8
2 to 3PCLKB
2 ICLK
TPUa
0008 8101h
TPU
Timer Synchronous Register
TSYR
8
8
2 to 3PCLKB
2 ICLK
0008 8108h
TPU0
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 8109h
TPU1
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 810Ah
TPU2
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 810Bh
TPU3
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 810Ch
TPU4
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 810Dh
TPU5
Noise Filter Control Register
NFCR
8
8
2 to 3PCLKB
2 ICLK
0008 8110h
TPU0
Timer Control Register
TCR
8
8
2 to 3PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (13 / 34)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
Remarks
ICLK
PCLK
ICLK <
PCLK


同様の部品番号 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

同様の説明 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com