データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX634 データシート(PDF) 71 Page - Renesas Technology Corp

部品番号 RX634
部品情報  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 データシート(HTML) 71 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 67Page - Renesas Technology Corp RX634 Datasheet HTML 68Page - Renesas Technology Corp RX634 Datasheet HTML 69Page - Renesas Technology Corp RX634 Datasheet HTML 70Page - Renesas Technology Corp RX634 Datasheet HTML 71Page - Renesas Technology Corp RX634 Datasheet HTML 72Page - Renesas Technology Corp RX634 Datasheet HTML 73Page - Renesas Technology Corp RX634 Datasheet HTML 74Page - Renesas Technology Corp RX634 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 71 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
5.3.3
Timing of Recovery from Low Power Consumption Modes
Note:
The wait time varies depending on the state in which each oscillator was when the WAIT instruction was executed. The recovery
time when multiple oscillators are operating is the same period as that when the oscillator which requires the longest time of all
operating oscillators to recover is operating alone.
Figure 5.9
Software Standby Mode Cancellation Timing
Table 5.20
Timing of Recovery from Low Power Consumption Modes
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5 V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time
after
cancellation of
software
standby mode
Crystal resonator
connected to
main clock
oscillator
Main clock oscillator
operating
tSBYMC
10
ms
Figure 5.9
Main clock oscillator and
PLL circuit operating
tSBYPC
10
ms
External clock
input to main
clock oscillator
Main clock oscillator
operating
tSBYEX
1—
ms
Main clock oscillator and
PLL circuit operating
tSBYPE
1—
ms
Low-speed on-chip oscillator or IWDT-dedicated
on-chip oscillator operating
tSBYLO
800
μs
Recovery time after cancellation of deep software standby mode
tDSBY
1
ms
Figure 5.10
Wait time after cancellation of deep software standby mode
tDSBYWT
45
46
tCYC
Oscillator
ICLK
IRQ
Software standby mode
tSBYMC, tSBYPC, tSBYEX, tSBYPE,
tSBYSC, tSBYHO, tSBYLO


同様の部品番号 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

同様の説明 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com