データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RX634 データシート(PDF) 89 Page - Renesas Technology Corp

部品番号 RX634
部品情報  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 データシート(HTML) 89 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 85Page - Renesas Technology Corp RX634 Datasheet HTML 86Page - Renesas Technology Corp RX634 Datasheet HTML 87Page - Renesas Technology Corp RX634 Datasheet HTML 88Page - Renesas Technology Corp RX634 Datasheet HTML 89Page - Renesas Technology Corp RX634 Datasheet HTML 90Page - Renesas Technology Corp RX634 Datasheet HTML 91Page - Renesas Technology Corp RX634 Datasheet HTML 92Page - Renesas Technology Corp RX634 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 89 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
Figure 5.32
RSPI Timing (Master, CPHA = 1) (Bit Rate: PCLKB Set to Divided by 2)
Figure 5.33
RSPI Timing (Slave, CPHA = 0) and Simple SPI Timing (Slave, CKPH = 1)
tDr, tDf
tHF
tLEAD
tTD
tLAG
tSSLr, tSSLf
tOH
DATA
MSB IN
MSB OUT
DATA
LSB OUT
IDLE
MSB OUT
tOD
SSLA0 to 3
output
RSPCKA
CPOL = 0
output
RSPCKA
CPOL = 1
output
MISOA
input
MOSIA
output
MSB IN
LSB IN
tSU
tH
tDr, tDf
tSU
tH
tLEAD
tTD
tLAG
tSA
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
DATA
LSB OUT
MSB IN
MSB OUT
tOH
tOD
tREL
SSLA0
input
RSPCKA
CPOL = 0
input
RSPCKA
CPOL = 1
input
MISOA
output
MOSIA
input
RSPI
Simple SPI
SCKn
CKPOL = 0
input
SCKn
CKPOL = 1
input
SMISOn
output
SMOSIn
input
(n = 0 to 12)
SSn#
input


同様の部品番号 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

同様の説明 - RX634

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com