データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDR33BX104AKZS データシート(PDF) 1 Page - Kemet Corporation

部品番号 CDR33BX104AKZS
部品情報  Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 50 V, 1210, BX, S (0.001%/1000 Hrs)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR33BX104AKZS データシート(HTML) 1 Page - Kemet Corporation

  CDR33BX104AKZS Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/07/2017 - b66694b5-36f6-4e72-ab5c-248ccc654347
KEMET Part Number: CDR33BX104AKZS
(C1210N104K5XSL, C1210N104K5XSL-MilitaryBulk)
Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 50 V, 1210, BX, S (0.001%/1000 Hrs)
Dimensions
L
3.2mm +/-0.25mm
W
2.5mm +/-0.25mm
T
1.5mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1
General Information
Style: SMD Chip
Series: MilChip-55681
Chip Size: 1210
RoHS: No
Termination: Lead (SnPb)
Failure Rate: S (0.001%/1000 Hrs)
Testing and Reliability: MIL-PRF-55681
Approvals: MIL-PRF-55681
Miscellaneous: Termination Description:
SolderPlate 70-30
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: BX
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


同様の部品番号 - CDR33BX104AKZS

メーカー部品番号データシート部品情報
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
Freescale Semiconductor...
CDR33BX104AKWS FREESCALE-CDR33BX104AKWS Datasheet
868Kb / 13P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
CDR33BX104AKWS FREESCALE-CDR33BX104AKWS Datasheet
1Mb / 27P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
CDR33BX104AKWS NXP-CDR33BX104AKWS Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
More results

同様の説明 - CDR33BX104AKZS

メーカー部品番号データシート部品情報
logo
Kemet Corporation
CDR35BX104BKZS KEMET-CDR35BX104BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 100 V, 1825, BX, S (0.001%/1000 Hrs)
CDR31BX103AKZS KEMET-CDR31BX103AKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, S (0.001%/1000 Hrs)
CDR32BX103BKZS KEMET-CDR32BX103BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 100 V, 1206, BX, S (0.001%/1000 Hrs)
CDR31BX102BKZS KEMET-CDR31BX102BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 1000 pF, 10%, 100 V, 0805, BX, S (0.001%/1000 Hrs)
CDR31BX103AKZR KEMET-CDR31BX103AKZR Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, R (0.01%/1000 Hrs)
CDR31BP101BKZS KEMET-CDR31BP101BKZS Datasheet
70Kb / 1P
   Ceramic, Military/High Reliability, MilChip-55681, 100 pF, 10%, 100 V, 0805, BP, S (0.001%/1000 Hrs)
CKR05BX104KS KEMET-CKR05BX104KS Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.1 uF, 10%, 50 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX104KSV KEMET-CKR05BX104KSV Datasheet
54Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.1 uF, 10%, 50 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
CKR06BX105KS KEMET-CKR06BX105KS Datasheet
53Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 1 uF, 10%, 50 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
C062T105K5X5CS KEMET-C062T105K5X5CS Datasheet
52Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 1 uF, 10%, 50 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com