データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S3A7 データシート(PDF) 58 Page - Renesas Technology Corp

部品番号 S3A7
部品情報  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 データシート(HTML) 58 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 54Page - Renesas Technology Corp S3A7 Datasheet HTML 55Page - Renesas Technology Corp S3A7 Datasheet HTML 56Page - Renesas Technology Corp S3A7 Datasheet HTML 57Page - Renesas Technology Corp S3A7 Datasheet HTML 58Page - Renesas Technology Corp S3A7 Datasheet HTML 59Page - Renesas Technology Corp S3A7 Datasheet HTML 60Page - Renesas Technology Corp S3A7 Datasheet HTML 61Page - Renesas Technology Corp S3A7 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 58 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Figure 2.26
EBCLK pin output timing
Figure 2.27
XTAL external clock input timing
Figure 2.28
LOCO clock oscillation start timing
Figure 2.29
HOCO clock oscillation start timing (started by setting HOCOCR.HCSTP bit)
tCf
tCH
tBcyc
tCr
tCL
EBCLK pin output
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF
tXH
tXcyc
XTAL external clock input
VCC × 0.5
tXL
tXr
tXf
LOCO clock oscillator output
LOCOCR.LCSTP
tLOCO
HOCO clock
HOCOCR.HCSTP
tHOCOx
*1
Note 1.
x = 24, 32, 48, 64


同様の部品番号 - S3A7

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

同様の説明 - S3A7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com