データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S3A7 データシート(PDF) 100 Page - Renesas Technology Corp

部品番号 S3A7
部品情報  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 データシート(HTML) 100 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 96Page - Renesas Technology Corp S3A7 Datasheet HTML 97Page - Renesas Technology Corp S3A7 Datasheet HTML 98Page - Renesas Technology Corp S3A7 Datasheet HTML 99Page - Renesas Technology Corp S3A7 Datasheet HTML 100Page - Renesas Technology Corp S3A7 Datasheet HTML 101Page - Renesas Technology Corp S3A7 Datasheet HTML 102Page - Renesas Technology Corp S3A7 Datasheet HTML 103Page - Renesas Technology Corp S3A7 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 100 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Note:
The characteristics apply when no pin functions other than 14-bit A/D converter input are used. Absolute accuracy does not
include quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do
not include quantization errors.
Note 1.
The conversion time is the sum of the sampling time and the comparison time. The number of sampling states is indicated for
the test conditions.
Conversion time*1
(Operation at
PCLKC = 8 MHz)
Permissible signal
source impedance
Max. = 5 kΩ
7.50
-
-
μs
High-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 0Dh
10.88
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 28h
Offset error
-
±4.0
±30.0
LSB
High-precision channel
±40.0
LSB
Other than above
Full-scale error
-
±6.0
±30.0
LSB
High-precision channel
±40.0
LSB
Other than above
Quantization error
-
±0.5
-
LSB
-
Absolute accuracy
-
±12.0
±32.0
LSB
High-precision channel
±48.0
LSB
Other than above
DNL differential nonlinearity error
-
±4.0
-
LSB
-
INL integral nonlinearity error
-
±4.0
±12.0
LSB
-
Table 2.54
A/D conversion characteristics (7) in low power mode (1/2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V (AVCC0 = VCC when VCC < 2.0 V), VREFH0 = 1.6 to 5.5 V, VSS = AVSS0 = VREFL0 = 0
Reference voltage range applied to the VREFH0 and VREFL0.
Item
Min
Typ
Max
Unit
Test conditions
Frequency
1
-
4
MHz
-
Analog input capacitance
Cs
-
-
15
pF
High-precision channel
-
-
30
pF
Normal-precision channel
Analog input resistance
Rs
-
-
2.5
kΩ
-
Analog input voltage range
Ain
0
-
VREFH0
V
-
12-bit mode
Resolution
-
-
12
Bit
-
Conversion time*1
(Operation at
PCLKC = 4 MHz)
Permissible signal
source impedance
Max. = 9.9 kΩ
13.5
-
-
μs
High-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 0Dh
20.25
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 28h
Offset error
-
±1.0
±7.5
LSB
High-precision channel
±10.0
LSB
Other than above
Full-scale error
-
±1.5
±7.5
LSB
High-precision channel
±10.0
LSB
Other than above
Quantization error
-
±0.5
-
LSB
-
Absolute accuracy
-
±3.0
±8.0
LSB
High-precision channel
±12.0
LSB
Other than above
DNL differential nonlinearity error
-
±1.0
-
LSB
-
INL integral nonlinearity error
-
±1.0
±3.0
LSB
-
14-bit mode
Resolution
-
-
14
Bit
-
Table 2.53
A/D conversion characteristics (6) in low power mode (2/2)
Conditions: VCC = AVCC0 = 1.8 to 5.5 V (AVCC0 = VCC when VCC < 2.0 V), VREFH0 = 1.8 to 5.5 V, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Item
Min
Typ
Max
Unit
Test conditions


同様の部品番号 - S3A7

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

同様の説明 - S3A7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com