データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S7G2 データシート(PDF) 100 Page - Renesas Technology Corp

部品番号 S7G2
部品情報  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 データシート(HTML) 100 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 96Page - Renesas Technology Corp S7G2 Datasheet HTML 97Page - Renesas Technology Corp S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp S7G2 Datasheet HTML 100Page - Renesas Technology Corp S7G2 Datasheet HTML 101Page - Renesas Technology Corp S7G2 Datasheet HTML 102Page - Renesas Technology Corp S7G2 Datasheet HTML 103Page - Renesas Technology Corp S7G2 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 100 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
2.11
CTSU Characteristics
2.12
Comparator Characteristics
Note 1. This value is the internal propagation delay.
2.13
PGA Characteristics
Table 2.48
CTSU characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
External capacitance connected to TSCAP pin
Ctscap
910
11
nF
-
TS pin capacitive load
Cbase
--50
pF
-
Permissible output high current
ΣIoH
-
-
-40
mA
When the mutual
capacitance method
is applied
Table 2.49
ACMPHS characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
VREF
0
-
AVCC0
V
-
Input voltage range
VI
0
-
AVCC0
V
-
Output delay*1
Td
-
50
100
ns
VI = VREF ± 100 mV
Table 2.50
PGA characteristics in single mode (1/2)
Item
Symbol
Min
Typ
Max
Unit
PGAVSS input voltage range
PGAVSS
0
-
0
V
AIN0 (G = 2.000)
0.050 × AVCC0
-
0.45 × AVCC0
V
AIN1 (G = 2.500)
0.047 × AVCC0
-
0.360 × AVCC0
V
AIN2 (G = 2.667)
0.046 × AVCC0
-
0.337 × AVCC0
V
AIN3 (G = 2.857)
0.046 × AVCC0
-
0.32 × AVCC0
V
AIN4 (G = 3.077)
0.045 × AVCC0
-
0.292 × AVCC0
V
AIN5 (G = 3.333)
0.044 × AVCC0
-
0.265 × AVCC0
V
AIN6 (G = 3.636)
0.042 × AVCC0
-
0.247 × AVCC0
V
AIN7 (G = 4.000)
0.040 × AVCC0
-
0.212 × AVCC0
V
AIN8 (G = 4.444)
0.036 × AVCC0
-
0.191 × AVCC0
V
AIN9 (G = 5.000)
0.033 × AVCC0
-
0.17 × AVCC0
V
AIN10 (G = 5.714)
0.031 × AVCC0
-
0.148 × AVCC0
V
AIN11 (G = 6.667)
0.029 × AVCC0
-
0.127 × AVCC0
V
AIN12 (G = 8.000)
0.027 × AVCC0
-
0.09 × AVCC0
V
AIN13 (G = 10.000)
0.025 × AVCC0
-
0.08 × AVCC0
V
AIN14 (G = 13.333)
0.023 × AVCC0
-
0.06 × AVCC0
V


同様の説明 - S7G2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com