データシートサーチシステム |
|
HT37B90 データシート(PDF) 68 Page - Holtek Semiconductor Inc |
|
HT37B90 データシート(HTML) 68 Page - Holtek Semiconductor Inc |
68 / 80 page InstructionDefinition ADCA,[m] AddDataMemoryto ACC withCarry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. The resultisstoredintheAccumulator. Operation ACC ¬ ACC +[m]+C Affectedflag(s) OV,Z,AC,C ADCM A,[m] Add ACC toDataMemorywithCarry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. The resultisstoredinthespecifiedDataMemory. Operation [m] ¬ ACC +[m]+C Affectedflag(s) OV,Z,AC,C ADDA,[m] AddDataMemoryto ACC Description The contents of the specified Data Memory and the Accumulator are added. The result is storedintheAccumulator. Operation ACC ¬ ACC +[m] Affectedflag(s) OV,Z,AC,C ADDA,x Addimmediatedatato ACC Description The contents of the Accumulator and the specified immediate data are added. The result is storedintheAccumulator. Operation ACC ¬ ACC +x Affectedflag(s) OV,Z,AC,C ADDM A,[m] Add ACC toDataMemory Description The contents of the specified Data Memory and the Accumulator are added. The result is storedinthespecifiedDataMemory. Operation [m] ¬ ACC +[m] Affectedflag(s) OV,Z,AC,C ANDA,[m] LogicalANDDataMemoryto ACC Description Data in the Accumulator and the specified Data Memory perform a bitwise logical AND op- eration.TheresultisstoredintheAccumulator. Operation ACC ¬ ACC ²AND² [m] Affectedflag(s) Z ANDA,x LogicalANDimmediatedatato ACC Description Data in the Accumulator and the specified immediate data perform a bitwise logical AND operation.TheresultisstoredintheAccumulator. Operation ACC ¬ ACC ²AND² x Affectedflag(s) Z ANDM A,[m] LogicalAND ACC toDataMemory Description Data in the specified Data Memory and the Accumulator perform a bitwise logical AND op- eration.TheresultisstoredintheDataMemory. Operation [m] ¬ ACC ²AND² [m] Affectedflag(s) Z HT37B90/HT37B70/HT37B50/HT37B30 Rev.1.00 68 June22,2017 |
同様の部品番号 - HT37B90 |