データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT45R2K-C データシート(PDF) 82 Page - Holtek Semiconductor Inc

部品番号 HT45R2K-C
部品情報  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C データシート(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 105 page
background image
Rev. 1.40
8�
�a��� 1�� �01�
Rev. 1.40
83
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Configuration Options
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintotheOTP
ProgramMemorydeviceduringtheprogrammingprocess.Duringthedevelopmentprocess,
theseoptionsareselectedusingtheHT-IDEsoftwaredevelopmenttools.Astheseoptionsare
programmedintothedeviceusingthehardwareprogrammingtools,oncetheyareselectedthey
cannotbechangedlaterbytheapplicationsoftware.Alloptionsmustbedefinedforpropersystem
function,thedetailsofwhichareshowninthetable.
No.
Options
Oscillator Options
1
System Os�illato� Sele�tion - fSYS:
1. HXT
�. ERC
3. HIRC
HIRC f�equen�y Sele�tion:
1. 4�Hz
�. 8�Hz
3. 1��Hz
3
Exte�nal 3�kHz Os�illato� Sele�tion:
1. I/O
�. 3�.768kHz exte�nal ��ystal
4
System Os�illato� SST pe�iod Sele�tion:
1.10�4 �lo�ks
�.� �lo�ks
Reset Pin Options
PA7/RES Pin Options:
1. RES pin
�. I/O pin
LCD Options
6
LCD fun�tion in Powe� down mode:
1. Enable
�. Disable
7
R type d�ive �u��ent sele�tion:
1. �0μA
�. 100μA
Watchdog Options
8
WDT Fun�tion
1. Always enable
�. WDT enable/disable by S/W
9
WDT �lo�k Sele�tion - fS:
1. Inte�nal 1�kHz RC os�illato� - LIRC
�. fSYS/4
3. 3�.768kHz os�illato�
10
CLRWDT inst�u�tion Sele�tion:
1. inst�u�tion
�. inst�u�tion


同様の部品番号 - HT45R2K-C_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

同様の説明 - HT45R2K-C_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com