データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT45R2K-C データシート(PDF) 96 Page - Holtek Semiconductor Inc

部品番号 HT45R2K-C
部品情報  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C データシート(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 105 page
background image
Rev. 1.40
96
�a��� 1�� �01�
Rev. 1.40
97
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Ente� powe� down mode
T�is inst�u�tion stops t�e p�og�am exe�ution and tu�ns off t�e system �lo�k. T�e
�ontents of t�e Data �emo�y and �egiste�s a�e �etained. T�e WDT and p�es�ale�
a�e �lea�ed. T�e powe� down flag PDF is set and t�e WDT time-out flag TO is
�lea�ed.
TO ← 0
PDF ← 0
TO� PDF
In��ement Data �emo�y
Data in the specified Data Memory is incremented by 1.
[m] ← [m]+1
Z
In��ement Data �emo�y wit� �esult in ACC
Data in the specified Data Memory is incremented by 1. The result is stored in the
A��umulato�. T�e �ontents of t�e Data �emo�y �emain un��anged.
ACC ← [m]+1
Z
Jump un�onditionally
T�e �ontents of t�e P�og�am Counte� a�e �epla�ed wit� t�e spe�ified add�ess.
P�og�am exe�ution t�en �ontinues f�om t�is new add�ess. As t�is �equi�es t�e
inse�tion of a dummy inst�u�tion w�ile t�e new add�ess is loaded� it is a two �y�le
inst�u�tion.
P�og�am Counte� ← add�
None
�ove Data �emo�y to ACC
The contents of the specified Data Memory are copied to the Accumulator.
ACC ← [m]
None
�ove immediate data to ACC
The immediate data specified is loaded into the Accumulator.
ACC ← x
None
�ove ACC to Data �emo�y
The contents of the Accumulator are copied to the specified Data Memory.
[m] ← ACC
None
No ope�ation
No ope�ation is pe�fo�med. Exe�ution �ontinues wit� t�e next inst�u�tion.
No ope�ation
None
HALT
Des��iption
Ope�ation
Affected flag(s)
INC [m]
Des��iption
Ope�ation
Affected flag(s)
INCA [m]
Des��iption
Ope�ation
Affected flag(s)
JMP addr
Des��iption
Ope�ation
Affected flag(s)
MOV A,[m]
Des��iption
Ope�ation
Affected flag(s)
MOV A,x
Des��iption
Ope�ation
Affected flag(s)
MOV [m],A
Des��iption
Ope�ation
Affected flag(s)
NOP
Des��iption
Ope�ation
Affected flag(s)


同様の部品番号 - HT45R2K-C_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

同様の説明 - HT45R2K-C_15

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com